Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBD4448HT-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # MMBD4448HT-HF
Description  SMD Switching Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

MMBD4448HT-HF Datasheet(HTML) 1 Page - Comchip Technology

  MMBD4448HT-HF Datasheet HTML 1Page - Comchip Technology MMBD4448HT-HF Datasheet HTML 2Page - Comchip Technology MMBD4448HT-HF Datasheet HTML 3Page - Comchip Technology MMBD4448HT-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RoHS Device
MMBD4448HT/HTA/HTC/HTS-HF
SMD Switching Diodes
Comchip Technology CO., LTD.
Circuit Diagram
1
2
3
1
2
3
1
2
3
MMBD4448HT-HF
1
2
3
MMBD4448HTA-HF
MMBD4448HTC-HF
MMBD4448HTS-HF
Maximum Ratings (at TA=25°C unless otherwise noted)
Parameter
Symbol
Unit
Non-repetitive peak reverse voltage
Peak repetitive reverse voltage
Working peak reverse voltage
DC blocking voltage
RMS reverse voltage
Peak rectified output current
Non-repetitive peak forward surge current @ t=8.3ms
Value
VRM
VRRM
VRWM
VR
VRMS
IO
IFSM
100
85
57
250
2
V
V
V
mA
A
Power dissipation
Thermal resistance from junction to ambient
Junction and storage temperature range
PD
RθJA
TJ, TSTG
150
833
-65 to +150
mW
°C/W
°C
Halogen Free
Dimensions in inches and (millimeter)
0.007(0.18)
0.003(0.08)
0.069(1.75)
0.057(1.45)
0.012(0.30)
0.004(0.10)
0.031(0.80)
0.024(0.60)
0.012(0.30)
0.006(0.15)
SOT-523
0.001(0.02)
0.067(1.70)
0.059(1.50)
0.033(0.85)
0.030(0.75)
0.043(1.10)
0.035(0.90)
1
2
3
0.016(0.40)
0.010(0.25)
0.016(0.40)
Mechanical data
- Case: SOT-523 package, molded plastic.
- Mounting position: Any.
Features
- Ultra-small surface mount package.
- Fast switching speed.
- For general purpose switching applications.
- High conductance.
REV:A
Page 1
QW-J0055


Similar Part No. - MMBD4448HT-HF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBD4448HT-7-F DIODES-MMBD4448HT-7-F Datasheet
76Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30263 Rev. 9 - 2
MMBD4448HT-7-F DIODES-MMBD4448HT-7-F Datasheet
90Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
Rev. 12 - 2 March 2009
MMBD4448HT-7-F DIODES-MMBD4448HT-7-F Datasheet
88Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
Rev 13
logo
Won-Top Electronics
MMBD4448HT-T1 WTE-MMBD4448HT-T1 Datasheet
98Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
May, 2014
More results

Similar Description - MMBD4448HT-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDSH3-21-G COMCHIP-CDSH3-21-G Datasheet
56Kb / 2P
SMD Switching Diodes
1SS400-G COMCHIP-1SS400-G_12 Datasheet
102Kb / 4P
SMD Switching Diodes
CDSH3-4448 COMCHIP-CDSH3-4448 Datasheet
69Kb / 2P
SMD Switching Diodes
CDST19-G COMCHIP-CDST19-G_12 Datasheet
73Kb / 2P
SMD Switching Diodes
CDST-19-G COMCHIP-CDST-19-G Datasheet
375Kb / 4P
SMD Switching Diodes
CDSH3-4448-G COMCHIP-CDSH3-4448-G Datasheet
69Kb / 2P
SMD Switching Diodes
CDSH3-4448-G COMCHIP-CDSH3-4448-G_15 Datasheet
69Kb / 2P
SMD Switching Diodes
BAS521-HF COMCHIP-BAS521-HF Datasheet
526Kb / 4P
SMD Switching Diodes
1SS355-HF COMCHIP-1SS355-HF Datasheet
494Kb / 4P
SMD Switching Diodes
REV:A
1SS400-HF COMCHIP-1SS400-HF Datasheet
505Kb / 5P
SMD Switching Diodes
REV:C
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com