Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS210-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # SS210-HF
Description  SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

SS210-HF Datasheet(HTML) 1 Page - Comchip Technology

  SS210-HF Datasheet HTML 1Page - Comchip Technology SS210-HF Datasheet HTML 2Page - Comchip Technology SS210-HF Datasheet HTML 3Page - Comchip Technology SS210-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Reverse Voltage: 40 to 200 Volts
Forward Current: 2.0 Amp
RoHS Device
Halogen Free
Features
- Metal silicon junction, majority carrier conduction.
- For surface mounted applications.
- Low power loss, high efficiency.
- High forward surge current capability.
- For use in low voltage, high frequency inverters,
free wheeling, and polarity protection applications.
SMD Schottky Barrier Rectifiers
Page 1
REV:A
SS24-HF Thru. SS220-HF
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
QW-JB082
Mechanical data
- Case: SMA
- Terminals: Solderable per MIL-STD-750,
method 2026.
Circuit Diagram
SMA (DO-214AC)
Dimensions in inches and (millimeter)
Cathode
Anode
Maximum Ratings and Electrical Characteristics
Notes: 1. Measured at 1 MHz and applied reverse voltage of 4 V D.C
2. P.C.B. mounted with 2.0" X 2.0" (5 X 5 cm) copper pad areas.
Ratings at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz resistive or inductive load, for capacitive load, derate by 20%
Maximum DC blocking voltage
Parameter
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum average forward rectified current
40
V
28
V
V
2
A
Units
40
VRRM
VRMS
VDC
IF(AV)
Symbols
60
42
60
100
100
200
200
150
105
150
70
140
Typical junction capacitance (Note 1)
-55 ~ +150
A
V
mA
pF
°C
Peak forward surge current, 8.3ms
single half sine-wave superimposed
on rated load (JEDEC method)
Max instantaneous forward voltage at 2A
Maximum DC reverse current
Tj = 25
°C
at rated DC reverse voltage
Tj =100
°C
Operating junction temperature range
IFSM
VF
Cj
Tj
0.55
0.70
0.85
220
0.95
80
50
0.5
5
IR
0.3
3
80
Typical thermal resistance (Note 2)
°C/W
RθJA
Tstg
Storage temperature range
-55 ~ +150
°C
SS24-HF
SS26-HF
SS210-HF
SS220-HF
SS215-HF
0.177(4.50)
0.157(4.00)
0.051(1.30)
0.063(1.60)
0.091(2.30)
0.106(2.70)
0.205(5.20)
0.185(4.70)
0.087(2.20)
0.075(1.90)
0.035(0.90)
0.059(1.50)
0.012(0.31)
0.006(0.15)
Typ.
0.012(0.30)


Similar Part No. - SS210-HF

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
SS210-100V-DO-214AA DGNJDZ-SS210-100V-DO-214AA Datasheet
161Kb / 2P
2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Apacer Technology Inc.
SS210-18 APACER-SS210-18 Datasheet
2Mb / 5P
SSD (Solid-State Disk)
SS210-25 APACER-SS210-25 Datasheet
1Mb / 4P
SSD (Solid-State Disk)
SS210-297 APACER-SS210-297 Datasheet
1Mb / 4P
SSD (Solid-State Disk), Built-in hardware ECC
SS210-300 APACER-SS210-300 Datasheet
1Mb / 4P
SSD (Solid-State Disk)
More results

Similar Description - SS210-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBC520-G COMCHIP-CDBC520-G Datasheet
563Kb / 2P
SMD Schottky Barrier Rectifiers
CDBA220-HF COMCHIP-CDBA220-HF Datasheet
94Kb / 4P
SMD Schottky Barrier Rectifiers
CDBA320-G COMCHIP-CDBA320-G_12 Datasheet
111Kb / 4P
SMD Schottky Barrier Rectifiers
CDBA3150-HF COMCHIP-CDBA3150-HF Datasheet
97Kb / 4P
SMD Schottky Barrier Rectifiers
CDBB320-G COMCHIP-CDBB320-G_12 Datasheet
111Kb / 4P
SMD Schottky Barrier Rectifiers
CDBB5150-HF COMCHIP-CDBB5150-HF Datasheet
98Kb / 4P
SMD Schottky Barrier Rectifiers
CDBC3150-HF COMCHIP-CDBC3150-HF Datasheet
96Kb / 4P
SMD Schottky Barrier Rectifiers
CDBFN120-HF COMCHIP-CDBFN120-HF_12 Datasheet
95Kb / 4P
SMD Schottky Barrier Rectifiers
CDBZ5T30100-HF COMCHIP-CDBZ5T30100-HF Datasheet
610Kb / 4P
SMD Schottky Barrier Rectifiers
CDBZ630100-HF COMCHIP-CDBZ630100-HF Datasheet
725Kb / 4P
SMD Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com