Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2804BVG Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # P2804BVG
Description  N-Channel Logic Level Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

P2804BVG Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  P2804BVG Datasheet HTML 1Page - List of Unclassifed Manufacturers P2804BVG Datasheet HTML 2Page - List of Unclassifed Manufacturers P2804BVG Datasheet HTML 3Page - List of Unclassifed Manufacturers P2804BVG Datasheet HTML 4Page - List of Unclassifed Manufacturers P2804BVG Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
SEP-30-2004
N-Channel Logic Level Enhancement
Mode Field Effect Transistor
P2804BVG
SOP-8
Lead-Free
NIKO-SEM
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C Unless Otherwise
Noted)
PARAMETERS/TEST CONDITIONS
SYMBOL
LIMITS
UNITS
Drain-Source Voltage
VDS
40
V
Gate-Source Voltage
VGS
±20
V
TC = 25 °C
7.5
Continuous Drain Current
TC = 100 °C
ID
6.5
Pulsed Drain Current
1
IDM
20
A
TC = 25 °C
2.5
Power Dissipation
TC = 100 °C
PD
1.3
W
Operating Junction & Storage Temperature Range
Tj, Tstg
-55 to 150
Lead Temperature (
1/
16” from case for 10 sec.)
TL
275
°C
THERMAL RESISTANCE RATINGS
THERMAL RESISTANCE
SYMBOL
TYPICAL
MAXIMUM
UNITS
Junction-to-Ambient
RθJA
50
°C / W
1Pulse width limited by maximum junction temperature.
2Duty cycle
≤ 1%
ELECTRICAL CHARACTERISTICS (TC = 25 °C, Unless Otherwise Noted)
LIMITS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0V, ID = 250µA
40
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250µA
1
1.5
2.5
V
Gate-Body Leakage
IGSS
VDS = 0V, VGS = ±20V
±250
nA
VDS = 32V, VGS = 0V
1
Zero Gate Voltage Drain Current
IDSS
VDS = 30V, VGS = 0V, TC = 125 °C
10
µA
On-State Drain Current
1
ID(ON)
VDS = 10V, VGS = 10V
20
A
VGS = 4.5V, ID = 6.5A
30
42
Drain-Source On-State
Resistance
1
RDS(ON)
VGS = 10V, ID = 7.5A
21
28
mΩ
Forward Transconductance
1
gfs
VDS = 10V, ID = 7.5A
19
S
PRODUCT SUMMARY
V(BR)DSS
RDS(ON)
ID
40V
28mΩ
7.5A
G
D
S
4
:GATE
5,6,7,8 :DRAIN
1,2,3
:SOURCE


Similar Part No. - P2804BVG

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
P2804BVG VBSEMI-P2804BVG Datasheet
1Mb / 9P
N-Channel 40-V (D-S) MOSFET
More results

Similar Description - P2804BVG

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BSS100 FAIRCHILD-BSS100 Datasheet
284Kb / 10P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
FDD603AL FAIRCHILD-FDD603AL Datasheet
237Kb / 8P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
BSS123 FAIRCHILD-BSS123 Datasheet
145Kb / 5P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SDU30N03L SAMHOP-SDU30N03L Datasheet
34Kb / 5P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
List of Unclassifed Man...
P7502CMG ETC2-P7502CMG Datasheet
284Kb / 5P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
P1402CDG ETC2-P1402CDG Datasheet
265Kb / 5P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
P75N02LSG ETC2-P75N02LSG Datasheet
112Kb / 3P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
P5506BVG ETC2-P5506BVG Datasheet
292Kb / 5P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
P3057LCG ETC2-P3057LCG Datasheet
206Kb / 4P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
KDB6030L KEXIN-KDB6030L Datasheet
58Kb / 2P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com