Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS520F-HF Datasheet(PDF) 4 Page - Comchip Technology

Part # SS520F-HF
Description  SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

SS520F-HF Datasheet(HTML) 4 Page - Comchip Technology

  SS520F-HF Datasheet HTML 1Page - Comchip Technology SS520F-HF Datasheet HTML 2Page - Comchip Technology SS520F-HF Datasheet HTML 3Page - Comchip Technology SS520F-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SMD Schottky Barrier Rectifiers
Standard Packaging
Case Type
10,000
REEL
( pcs )
Reel Size
(inch)
13
REEL PACK
SMAF
Part Number
Marking Code
Marking Code
SS54F-HF
SS54
SS56F-HF
SS56
SS510F-HF
SS510
SS515F-HF
SS515
SS520F-HF
SS520
Page 4
REV:A
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
Suggested PAD Layout
SIZE
(inch)
0.087
(mm)
2.20
1.60
1.80
0.063
0.071
5.40
0.213
A
B
C
D
SMAF
Note: 1. The pad layout is for reference purpose only.
XXXXX
Cathode band
xxxx/xxxxx = Product type marking code
Product type marking code
A
B
C
D
SP-JB034



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com