Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

52PLCCSM Datasheet(PDF) 2 Page - AG Electronica

Part # 52PLCCSM
Description  BASE PARA CI 52 PINES PLCC SMD
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica

52PLCCSM Datasheet(HTML) 2 Page - AG Electronica

  52PLCCSM Datasheet HTML 1Page - AG Electronica 52PLCCSM Datasheet HTML 2Page - AG Electronica  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A1
A2
C1
C2
E
H
ORDERINGINFORMATION
20
28
32
44
52
68
84
5.08
7.62
7.62
12.7
15.24
20.32
25.4
5.08
7.62
10.16
12.7
15.24
20.32
25.4
14.86
17.4
17.02
22.48
25.4
30.53
35.56
14.86
17.4
17.02
22.48
25.4
30.53
35.56
16.69
20.29
22.48
27.48
31.09
38.28
45.49
4.57
4.57
3.76
4.57
4.57
4.57
4.57
34
29
26
22
20
16
14
24
32
32
44
44
44
56
490
400
400
250
250
250
250
540-44-020-17-40000X
540-44-028-17-40000X
540-44-032-17-40000X
540-44-044-17-40000X
540-44-052-17-40000X
540-44-068-17-40000X
540-44-084-17-40000X
http://www.agelectronica.com
ACOTACIÓN:
N/A
TOLERANCIA:
N/A
AG Electrónica S.A. de C.V.
República del Salvador N° 20 Segundo Piso
Teléfono: 5130 - 7210
http://www.agelectronica.com/
BASE PARA CI 52 PINES PLCC SMD
No. Parte: 52PLCC-SM
Fecha:
29/01/2019
REALIZO: EAFP
REV:ECAM
ESCALA:
N/A
TOLERANCIA:
N/A
http://www.agelectronica.com
*RECTANGULAR
CÓDIGO DE PLATA
44=3.81 µm Sn
RoHS
2002/95/EC
X=0 TUBES
X=1 TAPE & REEL
http://www.agelectronica.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com