Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

84PLCC Datasheet(PDF) 2 Page - AG Electronica

Part # 84PLCC
Description  BASE PARA CI 84 PINES PLCC ESTÁNDAR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica

84PLCC Datasheet(HTML) 2 Page - AG Electronica

  84PLCC Datasheet HTML 1Page - AG Electronica 84PLCC Datasheet HTML 2Page - AG Electronica  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A
B
C
ORDERINGINFORMATION
20
28
32
44
52
68
84
100
15.57
18.11
20.7/ 18.1
23.19
25.73
30.81
35.89
40.72
5.08
7.62
10.2/ 7.62
12.7
15.24
20.32
25.4
30.48
10.16
12.7
15.2/12.7
17.8
20.32
25.4
30.48
35.56
38
33
29
26
23
19
16
25
940-44-020-24-00X000
940-44-028-24-00X000
940-44-032-24-00X000
940-44-044-24-00X000
940-44-052-24-00X000
940-44-068-24-00X000
940-44-084-24-00X000
940-44-100-24-00X000
http://www.agelectronica.com
ACOTACIÓN:
N/A
TOLERANCIA:
N/A
AG Electrónica S.A. de C.V.
República del Salvador N° 20 Segundo Piso
Teléfono: 5130 - 7210
http://www.agelectronica.com/
BASE PARA CI 84 PINES PLCC ESTÁNDAR
No. Parte: 84PLCC
Fecha:
30/01/2019
REALIZO: EAFP
REV:ECAM
ESCALA:
N/A
TOLERANCIA:
N/A
http://www.agelectronica.com
*RECTANGULAR
CÓDIGO DE PLATA
44=3.81 µm Sn
RoHS
2002/95/EC
X=0 NOT LUBRICATED
X=1 PRE-LUBRICATED
http://www.agelectronica.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com