Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC196A Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC196A
Description  1.5A Synchronous Buck Converter with Integrated Power Devices
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC196A Datasheet(HTML) 2 Page - Semtech Corporation

  SC196A Datasheet HTML 1Page - Semtech Corporation SC196A Datasheet HTML 2Page - Semtech Corporation SC196A Datasheet HTML 3Page - Semtech Corporation SC196A Datasheet HTML 4Page - Semtech Corporation SC196A Datasheet HTML 5Page - Semtech Corporation SC196A Datasheet HTML 6Page - Semtech Corporation SC196A Datasheet HTML 7Page - Semtech Corporation SC196A Datasheet HTML 8Page - Semtech Corporation SC196A Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
 2006 Semtech Corp.
www.semtech.com
SC196A
PRELIMINARY
POWER MANAGEMENT
Electrical Characteristics
Unless otherwise noted: V
IN = 3.6V, EN = VIN, SYNC/PWM = VIN, MODE = VIN , TA = -40 to 85°C. Typical values are at TA = 25°C.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input Voltage Range
V
IN
2.7
5.5
V
VOUT Accuracy
V
OUT
I
OUT = 0.75A, TA = 25°C
±1
%
VOUT Temperature Accuracy
V
OUT(T)
I
OUT = 0.75A, TA = -40 to 85°C
±0.3
±0.7
%
Line Regulation
V
OUT LINE
V
IN = 2.7V to 5.5V, VOUT = 1.8V,
I
OUT = 0.75A, TA = -40 to 85°C
±0.4
±0.65
%
Load Regulation (PWM)
V
OUT LOAD
I
OUT = 0A to 1.5A, TA = -40 to 85°C
±0.3
±0.65
%
PSAVE Regulation
V
OUT PSAVE
SYNC/PWM =GND, C
OUT=22 µF
+1.3
-0.3
+1.6
-0.6
%
P-Channel On Resistance
R
DSP
I
LX = 100mA
0.275
Ω
N-Channel On Resistance
R
DSN
I
LX = 100mA
0.165
Ω
Start-Up Time
T
START
5
ms
P-Channel Current Limit
I
LIM(P)
1.9
2.63
A
Exceeding the specifications below may result in permanent damage to the device or device malfunction. Operation outside of the parameters specified in the
Electrical Characteristics section is not recommended.
Parameter
Symbol
Maximum
Units
Input Supply Voltage
V
IN
-0.3 to 7
V
Logic Inputs
(SYNC/PWM, EN, MODE, VID0, VID1)
V
N
-0.3 to V
IN+0.3, 7V Max
V
Output Voltage
V
OUT
-0.3 to V
IN+0.3, 7V Max
V
LX Voltage
V
LX
-1 to V
IN +1, -2V(100ns Max),7V Max
V
Thermal Impedance Junction to Ambient(1)
θ
JA
40
°C/W
VOUT Short-Circuit to GND
t
SC
Continuous
s
Operating Ambient Temperature Range
T
A
-40 to +85
°C
Storage Temperature
T
S
-60 to +150
°C
Junction Temperature
T
J
-40 to +150
°C
Peak IR Reflow Temperature
T
PKG
260
°C
ESD Protection Level (2)
V
ESD
2
kV
Absolute Maximum Ratings
Note:
(1) Calculated from package in still air, mounted to 3” x 4.5”, 4 layer FR4 PCB with thermal vias under the exposed pad per JESD51 standards.
(2) Tested according to JEDEC standard JESD22-A114-B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com