Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC192IMLTR Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC192IMLTR
Description  Synchronous Buck Converter with Integrated Power Devices
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC192IMLTR Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC192IMLTR Datasheet HTML 5Page - Semtech Corporation SC192IMLTR Datasheet HTML 6Page - Semtech Corporation SC192IMLTR Datasheet HTML 7Page - Semtech Corporation SC192IMLTR Datasheet HTML 8Page - Semtech Corporation SC192IMLTR Datasheet HTML 9Page - Semtech Corporation SC192IMLTR Datasheet HTML 10Page - Semtech Corporation SC192IMLTR Datasheet HTML 11Page - Semtech Corporation SC192IMLTR Datasheet HTML 12Page - Semtech Corporation SC192IMLTR Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
© 2007 Semtech Corp.
www.semtech.com
SC192
POWER MANAGEMENT
Applications Information
Selecting Components
When selecting components for the an SC192 application the main factors are typically performance, size and cost.
For higher performance the designer will select higher values of input and output capacitors to reduce ripple
current and voltage. However, for an application that can tolerate higher ripple, less expensive and smaller compo-
nents can be utilized. The schematics below show two possibilities. The first shows the use of 10μF capacitors on
the input and output with L1 = 10μH, while the second shows the use of smaller less expensive 4.7μF capacitors
and L1 = 4.7μH. The only circuit consideration for choosing one over the other is the compensation components C4
& R8. When these components are in place the values of R2 can be chosen for a given output voltage. The values
that should be used are indicated in Table 1 below. Using a different value for R1 is not advised since this will
change the loop characteristics and may cause the supply to become unstable. Any output voltage is achievable
using R1 of 442k and then selecting R2 to achieve the desired output voltage. The equation for VOUT is:
0.75
1
R2
R1
Vout
•
⎟
⎠
⎞
⎜
⎝
⎛
+
=
Because the SC192 has external compensation the use of small inexpensive ceramic capacitors can be used for
the output capacitor allowing the designer greater flexibility.
R2
L1
10uH
R8
12k
R1
442k
C3
0.1uF
C5
47pF
C1
4.7uF
C4
470pF
VIN
SC192
1
2
3
4
5
6
7
8
9
10
VIN
BP
GND
COMP
ADJ
ILIM
SY NC
EN
LX
PGND
VOUT
C4
470pF
VOUT
R8
6.19k
R2
C6
4.7uF
C1
10uF
R1
442k
C6
10uF
C3
0.1uF
L1
4.7uH
VIN
C5
47pF
SC192
1
2
3
4
5
6
7
8
9
10
VIN
BP
GND
COMP
ADJ
ILIM
SY NC
EN
LX
PGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com