Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC415 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC415
Description  Dual Synchronous Buck Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC415 Datasheet(HTML) 1 Page - Semtech Corporation

  SC415 Datasheet HTML 1Page - Semtech Corporation SC415 Datasheet HTML 2Page - Semtech Corporation SC415 Datasheet HTML 3Page - Semtech Corporation SC415 Datasheet HTML 4Page - Semtech Corporation SC415 Datasheet HTML 5Page - Semtech Corporation SC415 Datasheet HTML 6Page - Semtech Corporation SC415 Datasheet HTML 7Page - Semtech Corporation SC415 Datasheet HTML 8Page - Semtech Corporation SC415 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
POWER MANAGEMENT
Oct 08, 2007
1
SC415
Dual Synchronous Buck Controller
Features
VIN Range 3-25V
Outputs Adjustable from 0.75 to 5.25V,
or Preset Output Voltages:
VOUT1 = 1.8 or 1.5V
VOUT2 = 1.25 or 1.05V
Low Shutdown Power
Constant On-Time for Fast Dynamic Response
Adjustable Switching Frequency
Separated Frequencies for Minimal Switching
Interaction:
VOUT1 = up to 600kHz
VOUT2 = up to 720kHz
Power Save or Continuous Operation at Light Load
Adjustable Soft-start Rates for Each Output
Soft-Shutdown for Each Output
Over-Voltage and Under-Voltage Fault Protection
Cycle-by-Cycle Valley Current Limit
DC Current Sense Using Low-Side RDSON Sensing,
or RSENSE in Source of Low-Side MOSFET for Greater
Accuracy
Separate Power Good Outputs
Separate Enable/Power Save Inputs
3.1A Non-Overlapping Gate Drive
SmartDriveTM for High-Side MOSFET
MLP 4x4 24 Pin Package
Industrial Temperature Range
Applications
Notebook and Sub-Notebook Graphics
Voltage Controllers
Tablet PCs
Embedded Applications
•
•
•
•
Description
The SC415 is a versatile, constant on-time, pseudo fixed-
frequency, dual synchronous buck PWM controller
intended for notebook computers and other battery
operated portable devices. The SC415 contains all the
features needed to provide cost-effective control of two
independent switchmode power supplies.
The two DC outputs are adjustable from 0.75V to 5.25V.
Additional features for each output include cycle-by-
cycle current limit, voltage soft-start, under-voltage and
over-voltage protection, programmable over-current
protection, soft shutdown, selectable power save and
non-overlapping gate drive. The SC415 provides two
enable/power save inputs, two soft-start inputs, two
power good outputs and an on-time adjust input.
The constant on-time topology provides fast dynamic
response. The excellent transient response means that
SC415 based solutions require less output capacitance
than competing fixed-frequency converters. Switching
frequency is constant until a step in load or line voltage
occurs, at which time the pulse density and frequency
moves to counter the change in output voltage. After the
transient event, the controller frequency returns to steady
state operation. At light loads with power save enabled,
the SC415 reduces switching frequency for improved
efficiency.
© 2007 Semtech Corporation


Similar Part No. - SC415

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC415 SEMTECH-SC415 Datasheet
763Kb / 30P
Dual Synchronous Buck Controller
SC4150 SEMTECH-SC4150 Datasheet
352Kb / 12P
Negative Voltage Hot Swap Controller
SC4150HIS-4TRT SEMTECH-SC4150HIS-4TRT Datasheet
352Kb / 12P
Negative Voltage Hot Swap Controller
SC4150HISTRT SEMTECH-SC4150HISTRT Datasheet
352Kb / 12P
Negative Voltage Hot Swap Controller
SC4150LIS-4TRT SEMTECH-SC4150LIS-4TRT Datasheet
352Kb / 12P
Negative Voltage Hot Swap Controller
More results

Similar Description - SC415

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6134HV SIPEX-SP6134HV Datasheet
141Kb / 14P
Dual Supply Synchronous Buck Controller
SP6137HV SIPEX-SP6137HV Datasheet
265Kb / 13P
Dual Supply Synchronous Buck Controller
logo
ON Semiconductor
NCP5425 ONSEMI-NCP5425 Datasheet
155Kb / 22P
Dual Synchronous Buck Controller
January, 2005 ??Rev. 6
NCP5425 ONSEMI-NCP5425_06 Datasheet
173Kb / 22P
Dual Synchronous Buck Controller
July, 2006 ??Rev. 9
logo
Sipex Corporation
SP6134 SIPEX-SP6134_06 Datasheet
176Kb / 14P
Dual Supply Synchronous Buck Controller
logo
Semtech Corporation
SC415 SEMTECH-SC415_08 Datasheet
763Kb / 30P
Dual Synchronous Buck Controller
logo
ON Semiconductor
NCP5425SOEVB ONSEMI-NCP5425SOEVB Datasheet
178Kb / 22P
Dual Synchronous Buck Controller
July, 2006 ??Rev. 9
logo
Texas Instruments
LM2647 TI1-LM2647 Datasheet
3Mb / 43P
Dual Synchronous Buck Regulator Controller
logo
ON Semiconductor
NCP5424A ONSEMI-NCP5424A Datasheet
134Kb / 20P
Dual Synchronous Buck Controller
August, 2003 ??Rev. 0
NCP5425 ONSEMI-NCP5425_09 Datasheet
172Kb / 22P
Dual Synchronous Buck Controller
July, 2006 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com