Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC416MLTRT Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC416MLTRT
Description  Dual Synchronous Buck Controller with Tracking Start-up/Shutdown
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC416MLTRT Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC416MLTRT Datasheet HTML 5Page - Semtech Corporation SC416MLTRT Datasheet HTML 6Page - Semtech Corporation SC416MLTRT Datasheet HTML 7Page - Semtech Corporation SC416MLTRT Datasheet HTML 8Page - Semtech Corporation SC416MLTRT Datasheet HTML 9Page - Semtech Corporation SC416MLTRT Datasheet HTML 10Page - Semtech Corporation SC416MLTRT Datasheet HTML 11Page - Semtech Corporation SC416MLTRT Datasheet HTML 12Page - Semtech Corporation SC416MLTRT Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
SC416
9
Applications Information
SC416 Synchronous Buck Controller
The SC416 is a dual synchronous controller which sim-
plifies the task of designing a dual-output power sup-
ply with synchronized or tracking ramps for startup and
shutdown.
VIN and +5V Bias Supplies
The SC416 requires an external +5V bias supply in ad-
dition to the VIN supply. If stand-alone capability is re-
quired, the +5V supply can be generated with an exter-
nal linear regulator.
Pseudo-Fixed Frequency Constant On-Time PWM
Controller
The PWM control method for each output is a constant-
on-time, pseudo-fixed frequency PWM controller, see
Figure 1. The ripple voltage seen across the output ca-
pacitor’s ESR provides the PWM ramp signal. The on-time
is determined by an internal one-shot whose period is
proportional to output voltage and inversely proportion-
al to input voltage. A separate one-shot sets the mini-
mum off-time (typically 330ns). The two converters are
designed to operate at different frequencies to reduce
interaction; side2 frequency is set typically 20% higher
than side1.
Q1
Q2
L
COUT
VIN
ESR
+
CIN
VOUT
FB Threshold
750mV
VFB
VLX
VLX
TON
FB
R1
R2
Figure 1
On-Time One-Shot (TON)
Each internal on-time one-shot comparator has two in-
puts. One input looks at the output voltage via the VOUT
pin, while the other input samples the input voltage
via the TON pin and converts it to a proportional cur-
rent. This current charges an internal on-time capacitor.
The TON on-time is the time required for this capacitor
to charge from zero volts to VOUT, thereby making the
on-time directly proportional to output voltage and in-
versely proportional to input voltage. This implementa-
tion results in a fairly constant switching frequency with
no clock generator.
The nominal frequency is set through an external resis-
tor RTON connected between VIN and the TON pin. To
minimize interaction between the two converters, side2
is set to operate at a slightly higher frequency. The gen-
eral equations for the side1 and side2 on-times are:
TON1 = 3.30 × (RTON + 37) × (VOUT/VIN) + 35
TON2 = 2.75 × (RTON + 37) × (VOUT/VIN) + 35
(TON in nsec, RTON in kΩ)
Switch-Mode Operation
The switch-mode operation is explained below, and is
identical for both sides except for the TON timing.
The output voltage is sensed at the FB pin and is com-
pared to the internal 750mV reference. (The output volt-
age can also be sensed at the VOUT pin which uses an
internal resistor divider, see VOUT Voltage Selection.)
When the sensed voltage drops below 750mV, this trig-
gers a single TON pulse, which is fed to the DH high-side
driver. The DH pulse-width follows TON according to the
TON equation, and after that time DH drives low to shut
off the high-side MOSFET.
After DH drives low, the DL
output drives high to energize the low-side MOSFET.
Once high, DL has a minimum pulse width of typically
330nsec which is the minimum off-time. At the end of
the minimum off-time, DL continues to stay high until



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com