Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC416EVB Datasheet(PDF) 21 Page - Semtech Corporation

Part # SC416EVB
Description  Dual Synchronous Buck Controller with Tracking Start-up/Shutdown
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC416EVB Datasheet(HTML) 21 Page - Semtech Corporation

Back Button SC416EVB Datasheet HTML 17Page - Semtech Corporation SC416EVB Datasheet HTML 18Page - Semtech Corporation SC416EVB Datasheet HTML 19Page - Semtech Corporation SC416EVB Datasheet HTML 20Page - Semtech Corporation SC416EVB Datasheet HTML 21Page - Semtech Corporation SC416EVB Datasheet HTML 22Page - Semtech Corporation SC416EVB Datasheet HTML 23Page - Semtech Corporation SC416EVB Datasheet HTML 24Page - Semtech Corporation SC416EVB Datasheet HTML 25Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
SC416
21
Applications Information (continued)
This would cause the output current to move from 10A
to zero in 4μsec.
COUT = 12.1 × (1.5μH × 12.1 / 1.8 - 10 / (2.5A/1μsec))
____________________________________
2 × (1.98 - 1.8)
COUT = 204μF
Note that 204μF is less than the 323uF needed to meet
the harder (instantaneous) transient load release.
Stability Considerations
Unstable operation shows up in two related but distinct-
ly different ways: fast-feedback loop instability due to in-
sufficient ESR and double-pulsing.
Loop instability can cause oscillations at the output as a
response to line or load transients. These oscillations can
trip the over-voltage protection latch or cause the output
voltage to fall below the tolerance limit. The best way for
checking stability is to apply a zero-to-full load transient
and observe the output voltage ripple envelope for over-
shoot and ringing. Over one cycle of ringing after the ini-
tial step is a sign that the ESR should be increased.
SC416 ESR Requirements
The on-time control used in the SC416 regulates the
valley of the output ripple voltage. This ripple voltage
consists of a term generated by the ESR of the output
capacitor and a term based on the capacitance charging
and discharging during the switching cycle. A minimum
ESR is required to generate the required ripple voltage
for regulation. For most applications the minimum ESR
ripple voltage is dominated by PCB layout and the prop-
erties of the output capacitors, typically SP or POSCAP
devices. For stability the ESR zero of the output capacitor
should be lower than one-third the switching frequency.
The formula for minimum ESR is:
ESRMIN = 3 / (2 × π × COUT × FREQ)
For applications using ceramic output capacitors, the ESR
is generally too small to meet the above criteria. In these
cases it is possible to create a ripple voltage ramp that
mimics the ESR ramp. This virtual ESR ramp is created by
integrating the voltage across the inductor, and coupling
the signal into the FB pin as shown in Figure 13.
R1
R2
To FB
RL
CL
CC
COUT
L
DL
DH
VIN
Figure 13
Double-pulsing
Double-pulsing occurs because the ripple waveform
seen at the FB pin is either too small, or because the FB
and VOUT ripple waveforms are very noisy and prone to
cause premature triggering of the FB comparator. Both
are discussed below.
Increasing FB Ripple
If the ripple waveform at FB is too small, the FB waveform
will be susceptible to switching noise. Note that under
normal conditions the FB voltage is within 10-20mV of
the 750mV trip point. Noise can couple into the FB point
from either side1 or side1, or from an external circuit. This
causes the FB comparator to trigger too quickly after the
330ns minimum off-time has expired. Double-pulsing
will result in higher ripple voltage at the output but in
most cases is harmless.
A way to remedy this is to couple more ripple into FB
from VOUT. Note that the feedback resistor divider at-
tenuates the FB ripple. This can be compensated by
placing a small capacitor in parallel with the top resistor,
which effectively increases the ripple that appears at FB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com