Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4620 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC4620
Description  Low Input Voltage, High Efficiency, 2.5A Integrated FET Synchronous Step down DC/DC Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4620 Datasheet(HTML) 2 Page - Semtech Corporation

  SC4620 Datasheet HTML 1Page - Semtech Corporation SC4620 Datasheet HTML 2Page - Semtech Corporation SC4620 Datasheet HTML 3Page - Semtech Corporation SC4620 Datasheet HTML 4Page - Semtech Corporation SC4620 Datasheet HTML 5Page - Semtech Corporation SC4620 Datasheet HTML 6Page - Semtech Corporation SC4620 Datasheet HTML 7Page - Semtech Corporation SC4620 Datasheet HTML 8Page - Semtech Corporation SC4620 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
 2007 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC4620
Notes:
(1) Available in tape and reel only. A reel contains 3,000 devices for MLPQ-20
package.
(2) Available in lead-free package only. Device is WEEE and RoHS compliant.
Ordering Information
Pin Configuration
Device
Top Mark
Package
SC4620MLTRT (1) (2)
SC
4620
MLPQ-20
SC4620EVB-MLPQ
Evaluation Board
θ
JA= 29°C/W; θJC= 2.5°C/W.
5
5
4
4
3
3
2
2
1
1
D
D
C
C
B
B
A
A
10
AGND
6
1
11
PVIN
PGND
Top View
5
PGND
ISET
FB
15
20Pin MLPQ
FS
PVIN
16
SS
VCC
20
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com