Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC623 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC623
Description  LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, and SemWireTM Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC623 Datasheet(HTML) 3 Page - Semtech Corporation

  SC623 Datasheet HTML 1Page - Semtech Corporation SC623 Datasheet HTML 2Page - Semtech Corporation SC623 Datasheet HTML 3Page - Semtech Corporation SC623 Datasheet HTML 4Page - Semtech Corporation SC623 Datasheet HTML 5Page - Semtech Corporation SC623 Datasheet HTML 6Page - Semtech Corporation SC623 Datasheet HTML 7Page - Semtech Corporation SC623 Datasheet HTML 8Page - Semtech Corporation SC623 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
SC623
3
Exceeding the above specifications may result in permanent damage to the device or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not recommended.
NOTES:
(1)
Tested according to JEDEC standard JESD22-A114-B.
(2)
Calculated from package in still air, mounted to 3” x 4.5”, 4 layer FR4 PCB with thermal vias under the exposed pad per JESD51 standards.
Absolute Maximum Ratings
VIN (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +6.0
VOUT (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +6.0
C1+, C2+ (V) . . . . . . . . . . . . . . . . . . . . . . . -0.3 to (V
OUT
+ 0.3)
Pin Voltage — All Other Pins (V) . . . . . . . . . -0.3 to (V
IN
+ 0.3)
VOUT Short Circuit Duration. . . . . . . . . . . . . . . . Continuous
Short Circuit Duration . . . . . . . . . . . . . . . . . . . . . . Continuous
ESD Protection Level(1) (kV) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
Recommended Operating Conditions
Ambient Temperature Range (°C) . . . . . . . . -40 < T
A
< +85
VIN (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.0 < V
IN
< 5.5
VOUT (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.5 < V
OUT
< 5.25
Voltage Difference between any two LEDs (V) . . . . . . <1.2
Thermal Information
Thermal Resistance, Junction to Ambient(2) (°C/W) . . . . 35
Maximum Junction Temperature (°C) . . . . . . . . . . . . . . +150
Storage Temperature Range (°C) . . . . . . . . . . . . -65 to +150
Peak IR Reflow Temperature (10s to 30s) (°C) . . . . . . . +260
Unless otherwise noted, T
A
= +25°C for Typ, -40ºC to +85°C for Min and Max, T
J(MAX)
= 125ºC, V
IN
= 3.0V to 4.2V, C
IN
= C
1
= C
2
= 2.2μF,
C
OUT
= 4.7μF (ESR = 0.03Ω), ΔV
F
≤ 1.2V(1)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Supply Specifications
Shutdown Current
I
Q(OFF)
Shutdown, V
IN
= 4.2V
0.1
2
μA
Total Quiescent Current
I
Q
Sleep mode, SWIF = V
IN
100
160
μA
Charge pump in 1x mode, 4 backlights on
3.8
4.65
mA
Charge pump in 1.5x mode, 4 backlights on
4.6
5.85
Charge pump in 2x mode, 4 backlights on
4.6
5.85
Fault Protection
Output Short Circuit
Current Limit
I
OUT(SC)
VOUT pin shorted to GND
300
mA
Over-Temperature
T
OTP
160
°C
Flash Mode Safety Timer(2)
t
FL(MAX)
Flash sink active
0.75
1.00
1.25
s
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com