Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC624 Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC624
Description  LED Light Management Unit Charge Pump, 4 LEDs, Dual LDOs, and SemWireTM Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC624 Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC624 Datasheet HTML 10Page - Semtech Corporation SC624 Datasheet HTML 11Page - Semtech Corporation SC624 Datasheet HTML 12Page - Semtech Corporation SC624 Datasheet HTML 13Page - Semtech Corporation SC624 Datasheet HTML 14Page - Semtech Corporation SC624 Datasheet HTML 15Page - Semtech Corporation SC624 Datasheet HTML 16Page - Semtech Corporation SC624 Datasheet HTML 17Page - Semtech Corporation SC624 Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
SC624
14
Charge Pump Output Current Limit
The device also limits the charge pump current at the
VOUT pin (typically 300mA).
LDO Current Limit
The device limits the output currents of LDO1 and LDO2
to help prevent it from overheating and to protect the
loads. The minimum limit is 200mA, so load current
greater than the rated 100mA can be used with degraded
accuracy and larger dropout without tripping the current
limit.
Applications Information (continued)
LED Float Detection
Float detect is a fault detection feature of the LED current
sink outputs. If an output is programmed to be enabled
and an open circuit fault occurs at any current sink output,
that output will be disabled to prevent a sustained output
OVP condition from occurring due to the resulting open
loop. Float detect ensures device protection but does
not ensure optimum performance. Unused LED outputs
must be disabled to prevent an open circuit fault from
occurring.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com