Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC622 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC622
Description  LED Light Management Unit Charge Pump, 400mA Flash LED, Dual LDOs, and SemWireTM Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC622 Datasheet(HTML) 3 Page - Semtech Corporation

  SC622 Datasheet HTML 1Page - Semtech Corporation SC622 Datasheet HTML 2Page - Semtech Corporation SC622 Datasheet HTML 3Page - Semtech Corporation SC622 Datasheet HTML 4Page - Semtech Corporation SC622 Datasheet HTML 5Page - Semtech Corporation SC622 Datasheet HTML 6Page - Semtech Corporation SC622 Datasheet HTML 7Page - Semtech Corporation SC622 Datasheet HTML 8Page - Semtech Corporation SC622 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
SC622
3
Exceeding the above specifications may result in permanent damage to the device or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not recommended.
NOTES:
(1)
Tested according to JEDEC standard JESD22-A114-B.
(2)
Calculated from package in still air, mounted to 3” x 4.5”, 4 layer FR4 PCB with thermal vias under the exposed pad per JESD51 standards.
Absolute Maximum Ratings
VIN (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +6.0
VOUT (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +6.0
C1+, C2+ (V) . . . . . . . . . . . . . . . . . . . . . . . -0.3 to (V
OUT
+ 0.3)
Pin Voltage — All Other Pins (V) . . . . . . . . . -0.3 to (V
IN
+ 0.3)
VOUT Short Circuit Duration. . . . . . . . . . . . . . . . Continuous
VLDO1, VLDO2 Short Circuit Duration. . . . . . . Continuous
ESD Protection Level(1) (kV) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
Recommended Operating Conditions
Ambient Temperature Range (°C) . . . . . . . . -40 < T
A
< +85
VIN (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.0 < V
IN
< 5.5
VOUT (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.5 < V
OUT
< 5.25
Thermal Information
Thermal Resistance, Junction to Ambient(2) (°C/W) . . . . 35
Maximum Junction Temperature (°C) . . . . . . . . . . . . . . +150
Storage Temperature Range (°C) . . . . . . . . . . . . -65 to +150
Peak IR Reflow Temperature (10s to 30s) (°C) . . . . . . . +260
Unless otherwise noted, T
A
= +25°C for Typ, -40ºC to +85°C for Min and Max, T
J(MAX)
= 125ºC, V
IN
= 3.0V to 4.2V, C
IN
= C
1
= C
2
= 2.2μF,
C
OUT
= 4.7μF (ESR = 0.03Ω)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Supply Specifications
Shutdown Current
I
Q(OFF)
Shutdown, V
IN
= 4.2V
0.1
2
μA
Total Quiescent Current
I
Q
Sleep (LDOs off ), SWIF = V
IN
100
160
μA
Sleep (LDOs on), SWIF = V
IN
,
V
IN
> (V
LDO
+ 300mV), I
LDO
< 200mA
220
340
Charge pump in 1x mode
3.8
4.65
mA
Charge pump in 1.5x mode
4.6
5.85
Charge pump in 2x mode
4.6
5.85
Fault Protection
Output Short Circuit
Current Limit
I
OUT(SC)
VOUT pin shorted to GND
300
mA
Over-Temperature
T
OTP
160
°C
Flash Mode Safety Timer(1)
t
FL(MAX)
Flash sink active
0.75
1.00
1.25
s
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com