Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLP.M04.BLMB Datasheet(PDF) 2 Page - LEMO Connectors

Part # SLP.M04.BLMB
Description  REDEL SP - Inner Push-Pull
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEMO [LEMO Connectors]
Direct Link  https://www.lemo.com/en
Logo LEMO - LEMO Connectors

SLP.M04.BLMB Datasheet(HTML) 2 Page - LEMO Connectors

  SLP.M04.BLMB Datasheet HTML 1Page - LEMO Connectors SLP.M04.BLMB Datasheet HTML 2Page - LEMO Connectors SLP.M04.BLMB Datasheet HTML 3Page - LEMO Connectors SLP.M04.BLMB Datasheet HTML 4Page - LEMO Connectors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
https://www.lemo.com/int_en/solutions/redel/redel-sp-inner-push-pull/slp-m04-blmb.html
LEMO products and services are provided “as is”. LEMO makes no warranties or representations with regard to LEMO product & services or use of them,
express, implied or statutory, including for accuracy, completeness, or security. The user is fully responsible for his products and applications using LEMO
components.
Technical details
Electrical Configuration
Contact Termination Low voltage
Crimp
R (max)
2.8 mOhm
Insert configuration value
SP.M04 - 4 Low V.
Insulator
L: PEEK (UL 94 / V-0/1.5)
Rated current
11.5 A
Test voltage (kV rms) Contact-contact
1.80
Contact Type
Crimp
Max. Conductor
1 mm^2 (AWG 18)
Min. Conductor
0.34 mm^2 (AWG 22)
Air clearance
1.16 mm
Creepage distance
1.16 mm
Bucket Dia.
1.4 mm (0.055in)
Contact Dia.
1.3 mm (0.0512in)
Number of contacts Low Voltage
4
Wire Size/AWG
22 - 18
Form & Material
Shell style / Model id
SL_.SP - Fixed socket, key (N) or keys (P, S and T), nut
fixing, white front nut
Socket / Receptacle
Fixed Panel Front Mounted
Housing material
Proprietary sulfone, white
Locking system
Push-pull
Keying
3 keys (alpha=0, gamma=60, plug: male contacts,
receptacle: female contacts)
Variant
White front nut
Environment
Technical domain
Medical
Environmental sealing (IP rating)
IP50
Endurance
>5000 mating cycles
Temperature range
-50°C / +170°C
Steam sterilization
> 100 times



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com