Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC619 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC619
Description  Charge Pump Flash LED Driver with Safety Timer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC619 Datasheet(HTML) 3 Page - Semtech Corporation

  SC619 Datasheet HTML 1Page - Semtech Corporation SC619 Datasheet HTML 2Page - Semtech Corporation SC619 Datasheet HTML 3Page - Semtech Corporation SC619 Datasheet HTML 4Page - Semtech Corporation SC619 Datasheet HTML 5Page - Semtech Corporation SC619 Datasheet HTML 6Page - Semtech Corporation SC619 Datasheet HTML 7Page - Semtech Corporation SC619 Datasheet HTML 8Page - Semtech Corporation SC619 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
SC619
3
Exceeding the above specifications may result in permanent damage to the device or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not recommended.
NOTES:
(1)
Tested according to JEDEC standard JESD22-A114-B.
(2)
Calculated from package in still air, mounted to 3” x 4.5”, 4 layer FR4 PCB with thermal vias under the exposed pad per JESD51 standards.
Absolute Maximum Ratings
VIN (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +6.5
VOUT (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +6.5
C1+, C2+ (V) . . . . . . . . . . . . . . . . . . . . . . . -0.3 to (V
OUT
+ 0.3)
Pin Voltage - All Other Pins (V) . . . . . . -0.3 to (V
IN
+ 0.3)
Circuit Duration . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous
ESD Protection Level(1) (kV) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
Recommended Operating Conditions
Ambient Temperature Range (°C). . . . . . . . . . . . -40 to +85
Thermal Information
Thermal Resistance, Junction to Ambient(2) (°C/W) . . . . 49
Junction Temperature Range (°C). . . . . . . . . . . . -40 to +150
Storage Temperature Range (°C). . . . . . . . . . . . . -60 to +150
Peak IR Reflow Temperature (10s to 30s) (°C) . . . . . . . +260
Unless otherwise specified: T
A
= 25°C for TYP, -40°C to +60°C for MIN and MAX; C
BUCKET
= C
OUT
= 1.0μF (ESR < 0.1Ω); C
IN
= 10.0μF; V
IN
= 3.0V to 5.25V;
V
OUT
= 2.8V to 4.25V; R
SET
= 0.5Ω (0.1%).
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Output Current
I
OUT
FLASH high, R
SET
= 0.357Ω
3.7V < V
IN
< 4.2V, V
OUT
= 3.7V(1)
700
mA
FLASH high, R
SET
= 0.5Ω
3.3V < V
IN
< 4.2V
2.8V < V
OUT
< 4.25V
460
500
540
FLASH low, CTRL high, R
SET
= 0.357Ω
3.7V < V
IN
< 4.2V, V
OUT
= 3.4V(1)
140
FLASH low, CTRL high, R
SET
= 0.5Ω
3.0V < V
IN
< 4.5V
2.8V < V
OUT
< 4.5V
75
100
125
ISET Reference Voltage
V
ISET
FLASH high, R
SET
= 0.5Ω
3.3V < V
IN
< 4.2V
2.8V < V
OUT
< 4.25V
230
250
270
mV
FLASH low, CTRL high, R
SET
= 0.5Ω
3.0V < V
IN
< 4.5V
2.8V < V
OUT
< 4.5V
37.5
50
62.5
Quiescent Current
I
Q
FLASH high
3.4
5.0
mA
FLASH low, CTRL high
2.0
4.5
mA
FLASH low, CTRL low
0.1
2.0
μA
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com