Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

04PD02CSS50-X5G Datasheet(PDF) 2 Page - Ashcroft, Inc.

Part # 04PD02CSS50-X5G
Description  PD02 Pressure Snubber
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

04PD02CSS50-X5G Datasheet(HTML) 2 Page - Ashcroft, Inc.

  04PD02CSS50-X5G Datasheet HTML 1Page - Ashcroft, Inc. 04PD02CSS50-X5G Datasheet HTML 2Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DIMENSIONS
For reference only, consult Ashcroft for specific dimensional drawings
ORDERING CODE:
Example:
04
PD02
A
SS
50
- X5G
Process Connection
04 - ½ NPT Male
Model
PD02 - Pressure snubber
PD02
Style
A - 316L Stainless steel
A
B - Hastelloy C-276
C - Monel
Material
SS - 316L Stainless steel
SS
HH - Hastelloy C-276
PM - Monel
Instrument Connection
50 - ½ NPT Female
Options (if choosing an option(s) must include an “-X”)
- X _ _
5G - Siphon attached to instrument
5G
[1.26]
ACROSS
FLATS 32
½-14 NPT
½-14 NPT
[1.06]
ACROSS
FLATS 27
½-14 NPT
½-14 NPT
¼-18 NPT
4
3
2
1
COMPONENTS
Part
Materials
1- Body
316L Stainless Steel
2 - Valve Stem
316L Stainless Steel
4 - Screw Plug
316Ti Stainless Steel
3 - O-Ring
FKM
Style A/C Snubber
(316L SS/Monel)
Style B Snubber
Hastelloy C-276
All specifications are subject to change without notice.
All sales subject to standard terms and conditions.
©2021 Ashcroft Inc. PD02_acc_ds_RevB_09-10-21
ashcroft.com
info@ashcroft.com
1.800.328.8258
2 of 2
PD02 Pressure Snubber
Data Sheet



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com