Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1087 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT1087
Description  0.5A General Purpose LDO
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1087 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT1087 Datasheet HTML 1Page - Holtek Semiconductor Inc HT1087 Datasheet HTML 2Page - Holtek Semiconductor Inc HT1087 Datasheet HTML 3Page - Holtek Semiconductor Inc HT1087 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1087 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1087 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1087 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1087 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1087 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Electrical Characteristics
TJ=25
°C, VIN=VOUT+1.5V, IO=10mA, unless otherwise specified (see note 1)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VREF
Reference Voltage
2.75V
£ VIN £ 12V
1.225
1.250
1.275
V
VOUT
Output Voltage
HT1087-15
1.470
1.500
1.530
V
HT1087-18
1.764
1.800
1.836
V
HT1087-25
2.450
2.500
2.550
V
HT1087-33
3.234
3.300
3.366
V
HT1087-50
4.900
5.000
5.100
V
DVLOAD
Load Regulation (see note 2)
IOUT=0.5A
1
¾
20
mV
DVLINE
Line Regulation
2.75V
£ VIN £ 12V
¾
0.015
0.15
%/V
VDIF
Dropout Voltage (see note 3)
DVOUT=2%, IOUT=0.5A
¾
1.1
1.3
V
ILIMIT
Current Limit (see note 4)
DVOUT=10%
0.5
1.5
¾
A
IADJ
Adjust Pin Current
(Variable Version)
2.75V
£ VIN £ 12V
¾
55
120
mA
ISS
Quiescent Current
(Fixed Version)
2.75V
£ VIN £ 12V
¾
813
mA
RR
Ripple Rejection
120Hz input ripple
COUT=22
mF
¾
60
¾
dB
Temperature Coefficient
-40°C<Ta<85°C
¾±0.4
¾
mV/
°C
Note:
1. Specifications are production tested at room temperature, Ta. Specifications within the
-40°Cto85°C
operating temperature range are assured by design, characterization and correlation with Statistical Quality
Controls (SQC).
2. Load regulation is measured at a constant junction temperature, using pulse testing with a low ON time and
is guaranteed up to the maximum power dissipation. Power dissipation is determined by the input/output
differential voltage and the output current. Guaranteed maximum power dissipation will not be available over
the full input/output range. The maximum allowable power dissipation at any ambient temperature is
PD =(TJ(MAX)
- Ta) / qJA.
3. Dropout voltage is defined as the input voltage minus the output voltage that produces a 2% change in the
output voltage from the value at VIN =VOUT+1.5V with a fixed load.
4. Current limit is measured by pulsing for a short time.
HT1087 Series
Rev. 1.10
3
October 5, 2007
D V O U T
D T a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com