Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1620 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT1620
Description  RAM Mapping 32x4 LCD Controller for I/O MCU
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1620 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT1620 Datasheet HTML 1Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 2Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 3Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Pad Assignment
Chip size: 142
´ 141 (mil)
2
* The IC substrate should be connected to VDD in the PCB layout artwork.
Pad Coordinates
Unit: mil
Pad No.
X
Y
Pad No.
X
Y
1
-61.58
63.62
27
25.29
-64.26
2
-61.83
50.83
28
66.98
-62.65
3
-61.83
43.73
29
66.98
-56.01
4
-61.83
37.10
30
66.98
-49.38
5
-61.83
30.47
31
66.98
-42.76
6
-61.83
23.84
32
66.98
-36.13
7
-61.83
17.21
33
66.98
-29.50
8
-61.83
10.58
34
66.98
-22.86
9
-61.83
3.95
35
66.98
-16.24
10
-61.83
-2.68
36
66.98
-9.60
11
-61.83
-9.31
37
66.98
-2.97
12
-61.83
-15.94
38
66.98
3.65
13
-61.83
-22.57
39
66.98
10.28
14
-60.90
-64.26
40
65.71
64.39
15
-54.27
-64.26
41
59.08
64.39
16
-47.64
-64.26
42
52.45
64.39
17
-41.01
-64.26
43
40.59
64.39
18
-34.38
-64.26
44
29.75
64.39
19
-27.75
-64.26
45
22.95
64.39
20
-21.12
-64.26
46
16.32
64.39
21
-14.49
-64.26
47
9.56
64.39
22
-7.86
-64.26
48
-2.21
64.30
23
-1.23
-64.26
49
-21.80
64.39
24
5.40
-64.26
50
-39.52
64.39
25
12.03
-64.26
51
-49.60
63.62
26
18.66
-64.26
HT1620
Rev. 1.30
3
March 27, 2007
1
2 7
2
2 8
3
2 9
4
3 0
5
3 1
6
3 2
7
3 3
8
3 4
9
3 5
1 0
3 6
1 1
3 7
1 2
3 8
1 3
3 9
1 4
4 0
1 5
4 1
1 6
4 2
1 7
4 3
1 8
4 4
1 9
4 5
2 0
4 6
2 1
4 7
2 2
4 8
2 3
4 9
2 4
5 0
2 5
5 1
2 6
( 0 , 0 )
C C 2
V O 1 5 N
V E E
C O M 0
C O M 1
C O M 2
C O M 3
S E G 0
S E G 1
S E G 2
S E G 3
S E G 4
S E G 5
S E G 3 1
S E G 3 0
S E G 2 3
S E G 2 4
S E G 2 5
S E G 2 6
S E G 2 7
S E G 2 8
S E G 2 9
S E G 2 0
S E G 2 1
S E G 2 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com