Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1621 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT1621
Description  RAM Mapping 32x4 LCD Controller for I/O MCU
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1621 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT1621 Datasheet HTML 3Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 9Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 10Page - Holtek Semiconductor Inc HT1621 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
HT1621
Rev. 1.70
7
June 29, 2005
Functional Description
Display Memory
- RAM
The static display memory (RAM) is organized into 32
´4
bits and stores the displayed data. The contents of the
RAM are directly mapped to the contents of the LCD
driver. Data in the RAM can be accessed by the READ,
WRITE, and READ-MODIFY-WRITE commands. The
following is a mapping from the RAM to the LCD pattern:
System Oscillator
The HT1621 system clock is used to generate the time
base/Watchdog Timer (WDT) clock frequency, LCD
driving clock, and tone frequency. The source of the
clock may be from an on-chip RC oscillator (256kHz), a
crystal oscillator (32.768kHz), or an external 256kHz
clock by the S/W setting. The configuration of the sys-
tem oscillator is as shown. After the SYS DIS command
is executed, the system clock will stop and the LCD bias
generator will turn off. That command is, however, avail-
able only for the on-chip RC oscillator or for the crystal
oscillator. Once the system clock stops, the LCD display
will become blank, and the time base/WDT lose its func-
tion as well.
The LCD OFF command is used to turn the LCD bias
generator off. After the LCD bias generator switches off
by issuing the LCD OFF command, using the SYS DIS
command reduces power consumption, serving as a
system power down command. But if the external clock
source is chosen as the system clock, using the SYS
DIS command can neither turn the oscillator off nor carry
out the power down mode. The crystal oscillator option
can be applied to connect an external frequency source
of 32kHz to the OSCI pin. In this case, the system fails to
enter the power down mode, similar to the case in the
external 256kHz clock source operation. At the initial
system power on, the HT1621 is at the SYS DIS state.
Time Base and Watchdog Timer (WDT)
The time base generator is comprised by an 8-stage
count-up ripple counter and is designed to generate an
accurate time base. The watch dog timer (WDT), on the
other hand, is composed of an 8-stage time base gener-
ator along with a 2-stage count-up counter, and is de-
signed to break the host controller or other subsystems
from abnormal states such as unknown or unwanted
jump, execution errors, etc. The WDT time-out will result
in the setting of an internal WDT time-out flag. The out-
puts of the time base generator and of the WDT time-out
flag can be connected to the IRQ output by a command
option. There are totally eight frequency sources avail-
able for the time base generator and the WDT clock.
The frequency is calculated by the following equation.
fWDT =
32kHz
2
n
where the value of n ranges from 0 to 7 by command op-
tions. The 32kHz in the above equation indicates that
the source of the system frequency is derived from a
crystal oscillator of 32.768kHz, an on-chip oscillator
(256kHz), or an external frequency of 256kHz.
If an on-chip oscillator (256kHz) or an external 256kHz
frequency is chosen as the source of the system fre-
quency, the frequency source is by default prescaled to
32kHz by a 3-stage prescaler. Employing both the time
base generator and the WDT related commands, one
should be careful since the time base generator and
WDT share the same 8-stage counter. For example, in-
voking the WDT DIS command disables the time base
generator whereas executing the WDT EN command
not only enables the time base generator but activates
S E G 0
S E G 1
S E G 2
S E G 3
S E G 3 1
C O M 0
C O M 1
C O M 2
C O M 3
D 3
D 2
D 1
D 0
D a t a
A d d r
3 1
0
1
2
3
A d d r e s s 6 b i t s
( A 5 , A 4 , . . . , A 0 )
D a t a 4 b i t s
( D 3 , D 2 , D 1 , D 0 )
RAM Mapping
1 / 8
O S C I
O S C O
C r y s t a l O s c i l l a t o r
3 2 7 6 8 H z
E x t e r n a l C l o c k S o u r c e
2 5 6 k H z
O n - c h i p R C O s c i l l a t o r
2 5 6 k H z
S y s t e m
C l o c k
System Oscillator Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com