Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1664038 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1664038
Description  CUC-IB7G-J1ST-AT/R4T-P - RJ45 PCB connector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1664038 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1664038 Datasheet HTML 1Page - PHOENIX CONTACT 1664038 Datasheet HTML 2Page - PHOENIX CONTACT 1664038 Datasheet HTML 3Page - PHOENIX CONTACT 1664038 Datasheet HTML 4Page - PHOENIX CONTACT 1664038 Datasheet HTML 5Page - PHOENIX CONTACT 1664038 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Drawings
Circuit diagram
P10
P9
P8
P7
P4
P3
P2
P1
SHIELD
J8
J7
J5
J4
J6
J3
J2
J1
CAP 1000pF 2KV
75Ω 75Ω
75Ω
75Ω
1CT:1CT
1CT:1CT
1CT:1CT
1CT:1CT
P5
P6
ELECTRONICAL SPECIFICATIONS
1. ACCORDING TO IEEE 802.3
2. TURN RATIO @100KHz:
(P10~P9):(J1~J2) = 1:1±5%
(P8~P7):(J3~J6) = 1:1±5%
(P4~P3):(J4~J5) = 1:1±5%
(P2~P1):(J7~J8) = 1:1±5%
3. PRIMARY INDUCTANCE:
350μH MIN @100KHz
0,1V 8mA DC BIAS
4. DC RESISTANCE:
1,2 OHMS MAX
5. INSERTION LOSS:
1-125MHz
-1,0dB TYP
6. RETURN LOSS:
1-40MHz
-16dB MIN
40-60MHz
-12dB MIN
60-80MHz
-10dB MIN
80-100MHz
-8dB MIN
7. CROSS TALK:
1-100MHz
-30dB MIN
8. COMMON TO COMMON
MODE ATTENUATION:
1-100MHz
-30dB MIN
9. ISOLATION: PHY SIDE TO LINE SIDE: 2250VDC
JACK SIDE
PCB SIDE
Diagram
≤10 s
Preheat
Peak Cooling
t [s]
Classification wave soldering profile
CUC-IB7G-J1ST-AT/R4T-P - RJ45 PCB connector
1664038
https://www.phoenixcontact.com/us/products/1664038
Jan 16, 2025, 12:50 AM
Page 4 (6)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com