Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1647 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT1647
Description  4-Level Gray Scale 64x16 LCD Controller for I/O MCU
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1647 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT1647 Datasheet HTML 1Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 2Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 3Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Pad Assignment
Chip size: 3865
´ 3770 (mm)
2
* The IC substrate should be connected to VSS in the PCB layout artwork.
Pad Coordinates
Unit:
mm
Pad No.
X
Y
Pad No.
X
Y
Pad No.
X
Y
1
-1774.50
1708.30
34
-331.40
-1600.00
67
1775.70
795.30
2
-1779.30
1409.80
35
-194.50
-1558.30
68
1775.70
927.10
3
-1779.30
1281.80
36
-48.00
-1600.00
69
1775.70
1055.10
4
-1779.30
1150.00
37
87.40
-1600.00
70
1775.70
1186.90
5
-1779.30
1022.00
38
235.20
-1600.00
71
1775.70
1314.90
6
-1779.30
890.20
39
383.40
-1600.00
72
1775.70
1446.70
7
-1779.30
762.20
40
530.40
-1600.00
73
1775.70
1574.70
8
-1779.30
630.40
41
678.60
-1600.00
74
1775.70
1706.50
9
-1779.30
502.40
42
875.00
-1712.30
75
1471.10
1708.30
10
-1779.30
370.60
43
1003.00
-1712.30
76
1343.10
1708.30
11
-1779.30
242.60
44
1134.80
-1712.30
77
1211.30
1708.30
12
-1779.30
110.80
45
1262.80
-1712.30
78
1083.30
1708.30
13
-1779.30
-17.20
46
1394.60
-1712.30
79
951.50
1708.30
HT1647
Rev. 1.30
3
November 10, 2005
W R
1
5 1
2
5 2
3
5 3
4
5 4
5
5 5
6
5 6
7
5 7
8
5 8
9
5 9
1 0
6 0
1 1
6 1
1 2
6 2
1 3
6 3
1 4
6 4
1 5
6 5
1 6
6 6
1 7
6 7
1 8
6 8
1 9
6 9
2 0
7 0
2 1
7 1
2 2
7 2
2 3
7 3
2 4
7 4
2 5
7 5
2 6
7 6
2 7
7 7
2 8
7 8
2 9
7 9
3 0
8 0
3 1
8 1
3 2
8 2
3 3
8 3
3 4
8 4
3 5
8 5
3 6
8 6
3 7
8 7
3 8
8 8
3 9
8 9
4 0
9 0
4 1
9 1
4 2
9 2
4 3
9 3
4 4
9 4
4 5
9 5
4 6
9 6
4 7
9 7
4 8
9 8
4 9
9 9
5 0
( 0 , 0 )
S E G 4 2
S E G 4 3
S E G 4 4
S E G 4 5
S E G 4 6
S E G 4 7
S E G 4 8
S E G 4 9
S E G 5 0
S E G 5 1
S E G 5 2
S E G 5 3
S E G 5 4
S E G 5 5
S E G 5 6
S E G 5 7
S E G 5 8
S E G 5 9
S E G 6 0
S E G 6 1
S E G 6 2
S E G 6 3
C S
R D
C O M 8
C O M 9
C O M 1 0
C O M 1 1
C O M 1 2
C O M 1 3
C O M 1 4
C O M 1 5
S E G 1
S E G 0
S E G 2
S E G 3
S E G 4
S E G 5
S E G 6
S E G 7
S E G 8
S E G 9
S E G 1 0
S E G 1 1
S E G 1 2
S E G 1 3
S E G 1 4
S E G 1 5
S E G 1 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com