Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT16512 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT16512
Description  1/4 to 1/11 Duty VFD Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16512 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT16512 Datasheet HTML 1Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 2Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 3Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 4Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 5Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 6Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 7Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 8Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Pin Assignment
Pin Description
Pin No.
Pin Name
I/O
Description
1~4
SW0~SW3
I
4-bit general purpose input port
Whether these pins are used or not, they should be connected to VDD
or VSS.
5DO
O
Output serial data at the falling edge of the shift clock, starting from low
order bit. This is an NMOS open-drain output pin.
6DI
I
Input serial data at the rising edge of the shift clock, starting from the
low order bit.
7, 43
VSS
¾
Negative power supply, ground
Both of the VSS (pin 7 and pin 43) should be connected to ground.
8
CLK
I
Reads serial data at the rising edge, and outputs data at the falling
edge.
9CS
I
Initializes serial interface at the rising or falling edge of the HT16512.
Then it waits to receive a command. Data input after CS has fallen is
processed as a command. While command data is processed, current
processing is stopped, and the serial interface is initialized. While CS
is high, CLK is ignored.
10~13
K0~K3
I
Keying data input to these pins is latched at the end of the display cy-
cle.
14, 38
VDD
¾
Posistive power supply
15~20
S0/K0~S5/K5
O
Segment or key source output pins (dual function). This is PMOS
open-drain and pull-low resistor output.
21~25
S6~S10
O
Segment driver output pins (segment only). This is PMOS open-drain
and pull-low resistor output.
26, 28~31
S11/G10~S15/G6
O
Segment or Grid driver output pins. These pins are selectable for seg-
ment or grid driving. This is PMOS open-drain and pull-low resistor
output.
27
VEE
¾
VFD power supply
37~32
G0~G5
O
Grid driver output pins (Grid only). This is PMOS open-drain and
pull-low resistor output.
42~39
LED0~LED3
O
LED driver output ports. This is a CMOS output pin.
44
OSC
I
Connected to an external resistor or an RC oscillator circuit.
HT16512
Rev. 1.40
2
May 3, 2005
H T 1 6 5 1 2
4 4 Q F P - A
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2 1 3 1 4 1 5 1 6 1 7 1 8 1 9 2 0 2 1 2 2
2 3
2 4
2 5
2 6
2 7
2 8
2 9
3 0
3 1
3 2
3 3
3 4
3 5
3 6
3 7
3 8
3 9
4 0
4 1
4 2
4 3
4 4
S W 0
S W 1
S W 2
S W 3
D O
D I
C L K
C S
K 0
K 1
V S S
S 8
S 9
S 1 0
S 1 1 / G 1 0
S 1 2 / G 9
S 1 3 / G 8
S 1 4 / G 7
S 1 5 / G 6
G 5
G 4
V E E



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com