Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT16514 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT16514
Description  Dot Character VFD Controller & Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16514 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT16514 Datasheet HTML 9Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 10Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 11Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 12Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 13Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 14Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 15Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 16Page - Holtek Semiconductor Inc HT16514 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
D.C. Characteristics
VH=50V, VSS=VLGND=VPGND=0V, Ta=
-40°C~85°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Logic Supply Voltage
¾¾
2.7
5
5.5
V
VH
VFD Supply Voltage
¾¾
20
¾
50
V
IDD
Operating Current
2.7V~5.5V No load, CPU Non-access
¾¾
1000
mA
IH
Operating Current
2.7V~5.5V No load
¾¾
500
mA
ILOH
Hi-level Leakage Current 2.7V~5.5V
Logic except DB0~DB7, SI,
SO, VIN/OUT=VDD
¾¾
1
mA
ILOL
Hi-level Leakage Current 2.7V~5.5V Logic VIN/OUT=VSS
¾¾
-1
mA
IIH
Hi-level Input Current
2.7V~5.5V TEST, VIN=VDD
5
¾
500
mA
IP
Pull-up MOS Current
2.7V~5.5V DB0~DB7, SI, SO
5
125
280
mA
VIH1
²H² Input Voltage 1
¾
Except E, SCK, RESET,R,
W (WR)
0.7VDD
¾
VDD
V
VIL1
²L² Input Voltage 1
¾
Except E,SCK, RESET,R,
W (WR)
0
¾
0.3VDD
V
VIH2
²H² Input Voltage 2
¾
E, SCK, RESET,R,W(WR)
0.8VDD
¾
VDD
V
VIL2
²L² Input Voltage 2
¾
E, SCK, RESET,R,W(WR)0
¾
0.2VDD
V
VOH1
Hi-level Output Voltage
2.7V~5.5V
DB0~DB7, SI,SO, SDO, SLK,
LE, CL,IOL1=
-0.1mA
VDD
-0.5
¾
VDD
V
VOL1
Low-level Output Voltage 2.7V~5.5V
DB0~DB7, SI,SO, SDO, SLK,
LE, CL,IOL1= 0.1mA
0
¾
VSS+0.5
V
VOH21
Hi-level Output Voltage
2.7V~5.5V
S1~S80, IOH2=
-0.5mA
48
¾¾
V
VOH22
S1~S80, IOH2=
-1mA
46
¾¾
V
VOH2G
G1~G24, IOH2=
-15mA
45
¾¾
V
VOL2
Low-level Output Voltage 2.7V~5.5V S1~S80, G1~G24, IOL2= 1mA
¾¾
5V
A.C. Characteristics
VH=50V, VSS=VLGND=VPGND=0V, Ta=
-40°C~85°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fOSC
Oscillation Frequency
2.7V~5.5V ROSC=56k
W
392
560
728
kHz
fC
Oscillation Frequency
2.7V~5.5V OSCI external clock
350
560
750
kHz
tR1
Rise Time
2.7V~5.5V CL= 50pF, S1~S80
¾¾
2.5
ms
tR2
2.7V~5.5V CL=50pF, G1~G24
¾¾
0.25
ms
tF
Fall Time
2.7V~5.5V
CL= 50pF, S1~S80,
G1~G24
¾¾
2
ms
Switching Timing
HT16514
Rev. 1.00
13
October 4, 2006
9 0 %
1 0 %
S n , G n
t F
t R 1 , t R 2
1 0 %
9 0 %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com