Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT16562 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT16562
Description  1/2 Duty VFD Digital Clock
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16562 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT16562 Datasheet HTML 1Page - Holtek Semiconductor Inc HT16562 Datasheet HTML 2Page - Holtek Semiconductor Inc HT16562 Datasheet HTML 3Page - Holtek Semiconductor Inc HT16562 Datasheet HTML 4Page - Holtek Semiconductor Inc HT16562 Datasheet HTML 5Page - Holtek Semiconductor Inc HT16562 Datasheet HTML 6Page - Holtek Semiconductor Inc HT16562 Datasheet HTML 7Page - Holtek Semiconductor Inc HT16562 Datasheet HTML 8Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Approximate Internal Connections
Absolute Maximum Ratings
Logic Supply Voltage .................VSS
-0.3V to VSS+6.5V
Driver Supply Voltage .................VSS
-0.3V to VSS+20V
High Input Voltage .....................VSS
-0.3V to VCC+0.3V
High Output Voltage ..................VSS
-0.3V to VCC+0.3V
Logic Input Voltage ....................VSS
-0.3V to VDD+0.3V
Logic Output Voltage .................VSS
-0.3V to VDD+0.3V
Driver Output Voltage ..........................VSS
-0.3V to VCC
Driver Output Current (Segment Driver)
-10mA to +2mA
Driver Output Current (Grid Driver) ......
-7mA to +20mA
Storage Temperature ..........................
-55°C to +150°C
Operating Temperature.........................
-40°Cto+85°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed
in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
Recommended Operating Conditions
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Power Supply Voltage
4
¾
18
V
fOSC
Oscillation Frequency
¾
4.194304
¾
MHz
tOP
Operating Temperature
-40
¾
85
°C
HT16562
Rev. 1.00
3
March 28, 2007
V D D
V S S
1 a , 3 a ~ 1 g , 3 g ; 2 a , 2 d ~ 2 g ;
G R 1 , G R 2
V C C
V S S
X T , X T
A / C , Z A , H S , M S
D I M 1 , D I M 2 , T E S T , B L A N K
V S S
X T
( O s c i l l a t o r O u t p u t )
X T
( O s c i l l a t o r I n p u t )
V S S
6 4 H z
V S S
V D D
V D D
V C C
V C C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com