Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT16565 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT16565
Description  24 Hour System VFD Digital Clock
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16565 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT16565 Datasheet HTML 1Page - Holtek Semiconductor Inc HT16565 Datasheet HTML 2Page - Holtek Semiconductor Inc HT16565 Datasheet HTML 3Page - Holtek Semiconductor Inc HT16565 Datasheet HTML 4Page - Holtek Semiconductor Inc HT16565 Datasheet HTML 5Page - Holtek Semiconductor Inc HT16565 Datasheet HTML 6Page - Holtek Semiconductor Inc HT16565 Datasheet HTML 7Page - Holtek Semiconductor Inc HT16565 Datasheet HTML 8Page - Holtek Semiconductor Inc HT16565 Datasheet HTML 9Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
D.C. Characteristics
VDD=6.0V, VSS=0V, Ta=
-40°C~85°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VIH
High Input Voltage
6V
¾
4.3
¾¾
V
VIL
Low Input Voltage
6V
¾¾
¾
1.0
V
IIH
Hi-level Input Current
6V
VI=VDD for TEST1, TEST2,
ZA, MS, HS, DIM, CONT1
30
¾
150
mA
IIL1
Low-level Input Current
6V
VI=Vss for TEST3, TEST4
-120
¾-800
mA
IIL2
VI=Vss for A/C
-3
¾-12
mA
IIL3
VI=Vss for SE, CONT2
-30
¾-150
mA
VOL
Low-level Output current
6V
IOL=VSS for all pin
5.9
¾¾
V
VOH
Hi-level Output current
6V
IOH=VSS for 64Hz pin
¾¾
0.1
V
IOH1
Output Current
6V
VOH=4.0V for 1Hz, a2, d2,
a4, d4, e4, g4
¾¾
-2000
mA
IOL1
Output Current
6V
VOL=0V for 1Hz, a2, d2,
a4, d4, e4, g4
1
¾¾
mA
IOH2
Output Current
6V
VOH=4.0V, Other segment
output pins except above
¾¾
-1000
mA
IOL2
Output Current
6V
VOL=VSS, Other segment
output pins except above
1
¾¾
mA
IOH3
Output Current
6V
VOH=5.5V for 64Hz pin
¾¾
-100
mA
IOL3
Output Current
6V
VOL=0.5V for 64Hz pin
100
¾¾
mA
IDD
Dynamic Current Consumption
6V
fOSC=4.194304MHz,
No load, CIN=39pF
±5%,
COUT=33pF
±5%,
CI=70
W±5%
¾¾
2mA
Characteristics Curves
VDD vs IDD Characteristics Curve
Ta=25
°C
HT16565
Rev. 1.00
4
February 7, 2007
I D D v s V D D C h a r a c t e r i s t i c s C u r v e
I D D ( m A )
V D D ( V )
0
0 . 5
1 . 0
1 . 5
2 . 0
2 . 5
2
4
6
8
1 0
1 2
1 4
1 6
1 8



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com