Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT81003 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT81003
Description  EasyVoiceTM 3-Second Speech
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT81003 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT81003 Datasheet HTML 1Page - Holtek Semiconductor Inc HT81003 Datasheet HTML 2Page - Holtek Semiconductor Inc HT81003 Datasheet HTML 3Page - Holtek Semiconductor Inc HT81003 Datasheet HTML 4Page - Holtek Semiconductor Inc HT81003 Datasheet HTML 5Page - Holtek Semiconductor Inc HT81003 Datasheet HTML 6Page - Holtek Semiconductor Inc HT81003 Datasheet HTML 7Page - Holtek Semiconductor Inc HT81003 Datasheet HTML 8Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Block Diagram
Pin Assignment
Pad Assignment
Pad Coordinates
Unit:
mm
Pad No.
X
Y
Pad No.
X
Y
1
-387.35
20.06
6
214.30
-340.60
2
-391.70
-200.11
7
383.00
-77.60
3
-202.25
-377.40
8
379.05
-347.50
4
-67.25
-377.40
9
383.00
192.30
5
68.25
-377.40
10
397.50
457.50
Pin Description
Pin No.
Pin Name
I/O
Internal Connection
Description
1, 2, 3, 5, 15, 16
NC
¾¾
No connection
4, 12
VDD
¾¾
Positive power supply
6
OSCI
I
Oscillator Input Pin
Oscillator input pin
7
KEY1
I
Pull-high
Trigger key 1, active low
8
I/O1
I
NMOS Pull-high
Trigger key 2, active low/NMOS output
9
I/O2
I/O
Pull-high Input/NMOS
Pull-high/transistor output/NMOS output
10, 14
VSS
¾¾
Negative power supply, ground
11
OUT2
O
CMOS
PWM output +/NMOS output
13
OUT1
O
CMOS
PWM output
-/NMOS output
HT81003
Rev. 1.10
2
January 22, 2002
( 0 , 0 )
1
2
3
4
5
6
7
8
9
1 0
V D D
O S C I
K E Y 1
V S S
O U T 1
V D D
O U T 2
Chip size: 42.3
´46.7 (mil)
2
* The IC substrate should be connected to VSS in the
PCB layout artwork.
N C
N C
N C
N C
O S C I
K E Y 1
I / O 1
V D D
N C
V S S
I / O 2
V S S
O U T 2
V D D
O U T 1
1 6
1 5
1 4
1 3
1 2
1 1
1 0
9
1
2
3
4
5
6
7
8
H T 8 1 0 0 3
1 6 D I P - A
N C
D e b o u n c e
C i r c u i t
O n e - s h o t
O s c i l l a t o r
C i r c u i t
T i m e B a s e
G e n e r a t o r
R O M A d d r e s s
C o u n t e r
A u d i o
C o n t r o l l e r
D a t a R O M
T G 1
I / O 1
S t a t u s
D i s p l a y
C o n t r o l l e r
V D D
V S S
O S C I
S e l e c t o r
I / O 2
O U T 1
O U T 2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com