Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM6437 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6437
Description  Digital Media Processor
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM6437 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS320DM6437 Datasheet HTML 3Page - Texas Instruments TMS320DM6437 Datasheet HTML 4Page - Texas Instruments TMS320DM6437 Datasheet HTML 5Page - Texas Instruments TMS320DM6437 Datasheet HTML 6Page - Texas Instruments TMS320DM6437 Datasheet HTML 7Page - Texas Instruments TMS320DM6437 Datasheet HTML 8Page - Texas Instruments TMS320DM6437 Datasheet HTML 9Page - Texas Instruments TMS320DM6437 Datasheet HTML 10Page - Texas Instruments TMS320DM6437 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 309 page
background image
www.ti.com
Revision History
TMS320DM6437
Digital Media Processor
SPRS345B – NOVEMBER 2006 – REVISED MARCH 2007
This data manual revision history highlights the technical changes made to the SPRS345A device-specific
data manual to make it an SPRS345B revision.
Scope: Applicable updates to the DM643x DMP device family, specifically relating to the TMS320DM6437
device, have been incorporated.
Upon exit from the bootloader code, all C64x+ memories are configured as all RAM, Cache is disabled.
SEE
ADDITIONS/MODIFICATIONS/DELETIONS
Global
Updated/Changed documentation references to User's Guide, Reference Guides, and Application Reports
Global
Updated/Changed "Flashboot" to "Flash Boot"
Global
Updated/Changed "EM_WAIT" signal name to "EM_WAIT/(RDY/BSY)" where applicable
Global
Updated/Changed "HCNTL[B], HCNTL[A]" to "HCNTL[1:0]"
Global
Updated/Changed all references to "PLLC0" and "PLLC1" to "PLLC1" and "PLLC2"
Global
Deleted all references to "System Reset". This device does not support System Reset.
Global
General-Purpose Input/Output (GPIO) pins shall be referred to as GP[x]. Register bit fields and interrupt
acronmys may be different (e.g., GPIO01 interrupt)
Section 1.1
Section 1.1, Features:
Deleted "/Debug" from the "Fully Software-Compatible With C64x" feature
Section 2.1
Section 2.1, Device Characteristics:
Table 2-1, Characteristics of the DM6437 Processor:
Updated/Changed PLL Options "CLKIN1 frequency multiplier (27 MHz reference)" to "MXI/CLKIN
frequency multiplier (27 MHz reference)"
Updated/Changed the "Cycle Time" for -400 speed device from "2.22 ns" to "2.5 ns"
Section 2.4
Section 2.4, Memory Map Summary:
Table 2-3, Memory Map Summary:
Updated/Changed "For all boot modes that default to ..." footnote
Table 2-4, Configuration Memory Map Summary:
Deleted 0x01BC 0000 — 0x01BC 00FF AET Registers; now "Reserved"
Section 3.4.1
Section 3.4.1, Boot Modes:
Deleted "sampled at device reset (once RESET or POR is de-asserted)" from the to the "The DM6437
boot modes are ..." paragraph
Added "For information on how ..." sentence to the "The DM6437 boot modes are ..." paragraph
Table 3-5, Non-Fastboot Modes (FASTBOOT = 0):
Added "For all boot modes that default to ..." footnote
Table 3-6, Fixed-Multiplier Fastboot Modes (FASTBOOT = 1, AEM[2:0] = 001b):
Added "For all boot modes that default to ..." footnote
Table 3-7, User-Select Multiplier Fastboot Modes (FASTBOOT = 1, AEM[2:0] = 000b, 011b, 100b, or
101b):
Added "For all boot modes that default to ..." footnote
Section 3.4.1
Section 3.4.1, Boot Modes:
Internal Bootloader ROM (0x0010 0000) bullet:
Added Note:
Section 3.4.1.5
Section 3.4.1.5, Host Boot Modes:
Updated/Changed from "Note: the HPI HSTROBE pulse duration timing requirement [tw(HSTBL)] is ..." to
"Note: the HPI HSTROBE inactive pulse duration timing requirement [tw(HSTBH)] is ..."
Section 3.4.2.1
Section 3.4.2.1, BOOTCFG Register:
Deleted "at RESET or POR de-asserted (high)" from the "The Device Bootmode ..." paragraph
Added "sampled at device reset. For information on how ..." to the "The Device Bootmode ..." paragraph
Table 3-9, BOOTCFG Register Description:
Deleted '[default]" from the "PLLMS" description "... 8-bit EMIFA (Async) Pinout Mode 1 Address Width ..."
Submit Documentation Feedback
Revision History
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com