Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS6C80FT Datasheet(PDF) 5 Page - Advanced (Shenzhen) Electronics Co.,Ltd

Part # ADS6C80FT
Description  3 Quadrants Triacs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADV [Advanced (Shenzhen) Electronics Co.,Ltd]
Direct Link  http://www.advsemi.com/en/
Logo ADV - Advanced (Shenzhen) Electronics Co.,Ltd

ADS6C80FT Datasheet(HTML) 5 Page - Advanced (Shenzhen) Electronics Co.,Ltd

  ADS6C80FT Datasheet HTML 1Page - Advanced (Shenzhen) Electronics Co.,Ltd ADS6C80FT Datasheet HTML 2Page - Advanced (Shenzhen) Electronics Co.,Ltd ADS6C80FT Datasheet HTML 3Page - Advanced (Shenzhen) Electronics Co.,Ltd ADS6C80FT Datasheet HTML 4Page - Advanced (Shenzhen) Electronics Co.,Ltd ADS6C80FT Datasheet HTML 5Page - Advanced (Shenzhen) Electronics Co.,Ltd ADS6C80FT Datasheet HTML 6Page - Advanced (Shenzhen) Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
 
 
                                         ADS6C60F/80F
 
5 / 6
www.advsemi.com
Feb,2013 -Rev.3.02
ADV
PACKAGE MECHANICAL DATA
TO-220F
Package Dimension
Making Diagram
Ordering information
Part number
Package
Marking
Packing
Quantity
ADS6C60F#
TO-220F
ADS6C60F#
Tube
50pcs
ADS6C80F#
TO-220F
ADS6C80F#
Tube
50pcs
Note:# = Gate Trigger Current Sensitivity and type
A
D
e
b
C
A1
A2
b1
R1.6
Max
Symbol
Dimensions In
Millimeters
Dimensions In
Inches
Min
Max
Min
Max
A
4.300
4.800
0.169
0.189
A1
2.400
2.700
0.094
0.106
A2
2.500
3.000
0.098
0.118
B
8.800
9.300
0.346
0.367
b
0.600
0.950
0.023
0.037
b1
1.100
1.700
0.043
0.067
C
0.500
0.750
0.020
0.030
D
9.700
10.360
0.382
0.408
E
6.400
6.800
0.252
0.268
e
2.540 TYP
0.100 TYP
F
3.300 REF
0.130 REF
L
28.000
30.000
1.102
1.181
L1
2.900
3.630
0.114
0.143
ADV:Logo
ADS6C80FS:Part number
X:Internal control code
H:Halogen Free
ADV XXXX
ADS6C80FS
XXXH
XX
ADVANCED
Internal control code
Current:6=6A
Quadrant:C=3Q
Sensitivity and type:
T=5mA
S=10mA
Blank=35mA
B=50mA
Voltage:60=600V 80=800V
ADVANCED
Internal control code
Current:6=6A
Quadrant:C=3Q
Sensitivity and type:
T=5mA
S=10mA
Blank=35mA
B=50mA
Voltage:60=600V 80=800V
Package explain:F=TO220F



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com