Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S7PF30L Datasheet(PDF) 2 Page - STMicroelectronics

Part # S7PF30L
Description  P-CHANNEL 30V - 0.16廓 - 7A - SO-8 STripFET??II Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S7PF30L Datasheet(HTML) 2 Page - STMicroelectronics

  S7PF30L Datasheet HTML 1Page - STMicroelectronics S7PF30L Datasheet HTML 2Page - STMicroelectronics S7PF30L Datasheet HTML 3Page - STMicroelectronics S7PF30L Datasheet HTML 4Page - STMicroelectronics S7PF30L Datasheet HTML 5Page - STMicroelectronics S7PF30L Datasheet HTML 6Page - STMicroelectronics S7PF30L Datasheet HTML 7Page - STMicroelectronics S7PF30L Datasheet HTML 8Page - STMicroelectronics S7PF30L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
1 Electrical ratings
STS7PF30L
2/11
1
Electrical ratings
Table 1.
Absolute maximum ratings
Table 2.
Thermal data
Symbol
Parameter
Value
Unit
VDS
Drain-Source Voltage (VGS = 0)
30
V
VDGR
Drain-gate Voltage (RGS = 20kΩ)
30
V
VGS
Gate-Source Voltage
± 20
V
ID
Drain Current (continuous) at TC = 25°C
7A
ID
Drain Current (continuous) at TC = 100°C
4.4
A
IDM Note 1
Drain Current (pulsed)
28
A
PTOT
Total Dissipation at TC = 25°C
2.5
W
Rthj-amb
Note 2
Thermal Resistance Junction-ambient
50
°C/W
Tj
Tstg
Operating Junction Temperature
Storage Temperature Range
150
-55 to 150
°C
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com