Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74V2T66 Datasheet(PDF) 4 Page - STMicroelectronics

Part # 74V2T66
Description  Dual bilateral switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74V2T66 Datasheet(HTML) 4 Page - STMicroelectronics

  74V2T66_07 Datasheet HTML 1Page - STMicroelectronics 74V2T66_07 Datasheet HTML 2Page - STMicroelectronics 74V2T66_07 Datasheet HTML 3Page - STMicroelectronics 74V2T66_07 Datasheet HTML 4Page - STMicroelectronics 74V2T66_07 Datasheet HTML 5Page - STMicroelectronics 74V2T66_07 Datasheet HTML 6Page - STMicroelectronics 74V2T66_07 Datasheet HTML 7Page - STMicroelectronics 74V2T66_07 Datasheet HTML 8Page - STMicroelectronics 74V2T66_07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Pin settings
74V2T66
4/14
2
Pin settings
2.1
Pin connection
Figure 3.
Pin connection (top through view)
2.2
Pin description
2.3
Truth table
Table 1. Pin description
Pin N°
Symbol
Name and function
1, 5
1I/O, 2I/O
Independent Input/Output
2, 6
1O/I, 2O/I
Independent Output/Input
7, 3
1C, 2C
Enable Input (Active HIGH)
4
GND
Ground (0V)
8VCC
Positive Supply Voltage
Table 2. Truth table
Control
Switch Function
HON
L
OFF (1)
1.
High impedance state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com