Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N720AS Datasheet(PDF) 1 Page - Semicoa Semiconductor

Part # 2N720AS
Description  Silicon NPN Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMICOA [Semicoa Semiconductor]
Direct Link  http://www.semicoa.com/
Logo SEMICOA - Semicoa Semiconductor

2N720AS Datasheet(HTML) 1 Page - Semicoa Semiconductor

  2N720AS Datasheet HTML 1Page - Semicoa Semiconductor 2N720AS Datasheet HTML 2Page - Semicoa Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2N720A
Silicon NPN Transistor
Data Sheet
Description
Semicoa Semiconductors offers:
• Screening and processing per MIL-PRF-19500 Appendix E
• JAN level (2N720AJ)
• JANTX level (2N720AJX)
• JANTXV level (2N720AJV)
• QCI to the applicable level
• 100% die visual inspection per MIL-STD-750 method
2072 for JANTXV
• Radiation testing (total dose) upon request
Please contact Semicoa for special configurations
www.SEMICOA.com or (714) 979-1900
Applications
• General purpose
• Low power
• NPN silicon transistor
Features
• Hermetically sealed TO-18 metal can
• Also available in chip configuration
• Chip geometry 4500
• Reference document:
MIL-PRF-19500/182
Benefits
• Qualification Levels: JAN, JANTX,
JANTXV
• Radiation testing available
Absolute Maximum Ratings
TC = 25°C unless otherwise specified
Parameter
Symbol
Rating
Unit
Collector-Emitter Voltage
VCEO
80
Volts
Collector-Base Voltage
VCBO
120
Volts
Emitter-Base Voltage
VEBO
7
Volts
Collector Current, Continuous
IC
500
mA
Power Dissipation, TA = 25
OC
Derate linearly above 37.5OC
PT
0.5
3.08
W
mW/
°C
Power Dissipation, TC = 25
OC
Derate linearly above 25OC
PT
1.8
10.3
W
mW/
°C
Operating Junction Temperature
Storage Temperature
TJ
TSTG
-65 to +200
°C
Thermal Resistance
RθJA
325
°C/W
Copyright
 2002
Semicoa Semiconductors, Inc.
Rev. F
333 McCormick Avenue, Costa Mesa, California 92626 714.979.1900, FAX 714.557.4541
Page 1 of 2
www.SEMICOA.com


Similar Part No. - 2N720AS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N720A STMICROELECTRONICS-2N720A Datasheet
42Kb / 4P
HIGH VOLTAGE GENERAL PURPOSE
Oct-1988
logo
Central Semiconductor C...
2N720A CENTRAL-2N720A Datasheet
33Kb / 1P
Small Signal Transistors
logo
Microsemi Corporation
2N720A MICROSEMI-2N720A Datasheet
59Kb / 2P
NPN LOW POWER SILICON TRANSISTOR
logo
STMicroelectronics
2N720A STMICROELECTRONICS-2N720A Datasheet
53Kb / 4P
EPITAXIAL PLANAR NPN
Dec-2002
logo
Continental Device Indi...
2N720A CDIL-2N720A Datasheet
199Kb / 4P
NPN SILICON PLANAR SWITCHING TRANSISTOR
More results

Similar Description - 2N720AS

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2N3414 MICRO-ELECTRONICS-2N3414 Datasheet
48Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
NPN SILICON TRANSISTOR
BA1A4M NEC-BA1A4M Datasheet
133Kb / 2P
NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
NPN SILICON TRANSISTOR
2SD1698 NEC-2SD1698 Datasheet
116Kb / 2P
NPN SILICON TRANSISTOR
2SD1701 NEC-2SD1701 Datasheet
117Kb / 2P
NPN SILICON TRANSISTOR
logo
Seme LAB
2N1616 SEME-LAB-2N1616 Datasheet
22Kb / 2P
NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
MPS3417 CENTRAL-MPS3417 Datasheet
58Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
NPN SILICON TRANSISTOR
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com