Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

637-078-010-059 Datasheet(PDF) 1 Page - EDAC, All Rights Reserved.

Part # 637-078-010-059
Description  637 Series,D-Sub Connectors | Vertical High Density | PCB Mount | Metal Body | Plug
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.

637-078-010-059 Datasheet(HTML) 1 Page - EDAC, All Rights Reserved.

  637-078-010-059 Datasheet HTML 1Page - EDAC, All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
52.90
61.110
67.00 ±0.35
1.207
2.41
10°
6.1 ±0.35
0.9
NOTES:
MATERIAL:
HOUSING: THERMOPLASTIC POLYESTER, UL94V-0
SHELL: STEEL, NICKEL PLATED
OPERATING TEMPERATURE: -55 C ~ 125 C
TOLERANCE
UNLESS OTHERWISE
SPECIFIED
.XX
±0.13
.XXX
DRAWN:
CHECKED:
SW REFERENCE NO.:
PART NUMBER:
SCALE:
YOUR CONNECTION TO QUALITY & SERVICE
WITHOUT WRITTEN PERMISSION.
THESE DRAWINGS AND SPECIFICATIONS
ARE THE PROPERTY OF EDAC INC.,AND
SHALL NOT BE REPRODUCED,OR COPIED
OR USED AS THE BASIS FOR THE
MANUFACTURE OR SALE OF APPARATUS
TORONTO, ONTARIO
EDAC INC
CANADA
DO NOT MAKE MANUAL REVISIONS TO MASTER.
THIS IS A C.A.D. GENERATED DRAWING
AUG. 01/2018
SHEET
OF
637 ASSEMBLY
1:1
C.B
DATE:
DATE:
1
ISSUE
ISSUE NUMBER
ORIGINAL
1
THIS SERIES FULLY CONFORMS TO
THE EUROPEAN UNION DIRECTIVES
2011/65/EU FOR RoHS COMPLIANCY.
COMPLIANT
637 SERIES D-SUB CONNECTOR
.X
±0.25
1
1
DRAWING NUMBER:
±0.10
637-078-010-049
637-078-010-049


Similar Part No. - 637-078-010-059

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
637-078-010-059 EDAC-637-078-010-059 Datasheet
1Mb / 4P
637 Series D-Sub Connectors | Vertical High Density | PCB Mount | Metal Body | Plug
More results

Similar Description - 637-078-010-059

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
HDL15SLB ADAM-TECH-HDL15SLB Datasheet
218Kb / 2P
HIGH DENSITY D-SUB RIGHT ANGLE PCB MOUNT
logo
List of Unclassifed Man...
637-015-230-042 ETC2-637-015-230-042 Datasheet
369Kb / 2P
637 SERIES HIGH DENSITY SUBMINIATURE D CONNECTOR
627-000-001 ETC2-627-000-001 Datasheet
226Kb / 2P
627 SERIES SUBMINIATURE D CONNECTOR PLUG(PIN) VERTICAL PCB, METAL BODY
627-000-003 ETC2-627-000-003 Datasheet
216Kb / 2P
627 SERIES SUBMINIATURE D CONNECTOR PLUG(PIN) VERTICAL PCB, METAL BODY
logo
Adam Technologies, Inc.
HDT78-PT-JS ADAM-TECH-HDT78-PT-JS Datasheet
84Kb / 1P
HIGH DENSITY D-SUB PLUG
HDTXX-PR ADAM-TECH-HDTXX-PR Datasheet
105Kb / 1P
HIGH DENSITY D-SUB PLUG
HDTXX-PT ADAM-TECH-HDTXX-PT Datasheet
118Kb / 1P
HIGH DENSITY D-SUB PLUG
HDTXX-PT-BL ADAM-TECH-HDTXX-PT-BL Datasheet
138Kb / 1P
HIGH DENSITY D-SUB PLUG
logo
EDAC, All Rights Reserv...
637-SERIES EDAC-637-SERIES Datasheet
1Mb / 4P
637 Series D-Sub Connectors | Vertical High Density | PCB Mount | Metal Body | Plug
638-SERIES EDAC-638-SERIES Datasheet
1Mb / 4P
638 Series D-Sub Connectors | Vertical High Density | PCB Mount | Metal Body | Receptacle
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com