Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS33C Datasheet(PDF) 1 Page - TECH PUBLIC Electronics co LTD

Part # SS33C
Description  Reverse Voltage - 20 to 200 Volts Forward Current - 3.0 Ampere
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD

SS33C Datasheet(HTML) 1 Page - TECH PUBLIC Electronics co LTD

  SS33C Datasheet HTML 1Page - TECH PUBLIC Electronics co LTD SS33C Datasheet HTML 2Page - TECH PUBLIC Electronics co LTD SS33C Datasheet HTML 3Page - TECH PUBLIC Electronics co LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image


Similar Part No. - SS33C

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
SS33C CHENDA-SS33C Datasheet
1Mb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Leiditech Elec...
SS33C LEIDITECH-SS33C Datasheet
341Kb / 3P
Schottky rectifier
logo
Guangdong Youtai Semico...
SS33C UMW-SS33C Datasheet
636Kb / 3P
20V-200V 3.0A
logo
Galaxy Semi-Conductor H...
SS33CF BILIN-SS33CF Datasheet
445Kb / 4P
Schottky Barrier Rectifiers
More results

Similar Description - SS33C

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
MUR120 GOOD-ARK-MUR120 Datasheet
144Kb / 2P
Ultrafast Plastic Rectifier Reverse Voltage 200 Volts Forward Current 1.0 Ampere
logo
Gaomi Xinghe Electronic...
SR530 GXELECTRONICS-SR530 Datasheet
373Kb / 2P
Reverse Voltage - 20 to 200 Volts Forward Current - 5.0 Amperes
SR540 GXELECTRONICS-SR540 Datasheet
373Kb / 2P
Reverse Voltage - 20 to 200 Volts Forward Current - 5.0 Amperes
SR550 GXELECTRONICS-SR550 Datasheet
373Kb / 2P
Reverse Voltage - 20 to 200 Volts Forward Current - 5.0 Amperes
SR560 GXELECTRONICS-SR560 Datasheet
373Kb / 2P
Reverse Voltage - 20 to 200 Volts Forward Current - 5.0 Amperes
SR5200 GXELECTRONICS-SR5200 Datasheet
373Kb / 2P
Reverse Voltage - 20 to 200 Volts Forward Current - 5.0Amperes
logo
GOOD-ARK Electronics
MUR120 GOOD-ARK-MUR120_15 Datasheet
135Kb / 2P
Ultrafast Plastic Rectifier Reverse Voltage 200 Volts Forward Current 1.0 Ampere
logo
First Silicon Co., Ltd
ABS34 FS-ABS34 Datasheet
283Kb / 2P
Surface Mount Schottky Bridge Rectifier Reverse Voltage 20 to 100 Volts Forward Current 3.0 Ampere
SB520 FS-SB520 Datasheet
321Kb / 2P
Reverse Voltage 20 to 100 Volts, Forward Current 5.0 Ampere
SK32F FS-SK32F Datasheet
288Kb / 2P
3A SCHOTTKY BARRIER RECTIFIER Reverse Voltage 20 to 200 Volts, Forward Current 3.0 Amperes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com