Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C0402C162J3GACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C0402C162J3GACTU
Description  SMD Comm C0G, Ceramic, 1,600 pF, 5%, 25 VDC, C0G, SMD, MLCC, Ultra- Stable, Low Loss, Class I, 0402
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0402C162J3GACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C0402C162J3GACTU Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
C0402C162J3GACTU
Aliases (C0402C162J3GAC7867)
SMD Comm C0G, Ceramic, 1,600 pF, 5%, 25 VDC, C0G, SMD, MLCC, Ultra-
Stable, Low Loss, Class I, 0402
Click here for the 3D model.
General Information
Series
SMD Comm C0G
Style
SMD Chip
Description
SMD, MLCC, Ultra-Stable, Low
Loss, Class I
Features
Ultra-Stable, Low Loss, Class I
RoHS
Yes
Termination
Tin
Marking
false
AEC-Q200
No
Typical Component Weight
1.06 mg
Shelf Life
78 Weeks
MSL
1
Dimensions
Chip Size
0402
L
1mm +/-0.05mm
W
0.5mm +/-0.05mm
T
0.5mm +/-0.05mm
S
0.3mm MIN
B
0.3mm +/-0.1mm
Specifications
Capacitance
1,600 pF
Measurement Condition
1 kHz 1.0Vrms
Capacitance Tolerance
5%
Voltage DC
25 VDC
Dielectric Withstanding Voltage
62.5 VDC
Temperature Range
-55/+125°C
Temperature Coefficient
C0G
Capacitance Change with
Reference to +25°C and 0 VDC
Applied (TCC)
30 ppm/C, 1kHz 1.0Vrms
Dissipation Factor
0.1% 1 kHz 1.0Vrms
Aging Rate
0% Loss/Decade Hour
Insulation Resistance
100 GOhms
Packaging Specifications
Packaging
T&R, 180mm, Paper Tape
Packaging Quantity
10000
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
Generated 01/15/2025
© 2006 - 2025 YAGEO


Similar Part No. - C0402C162J3GACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C160J5GACTU KEMET-C0402C160J5GACTU Datasheet
71Kb / 1P
Ceramic, Commercial-(CxxxxC), 16 pF, 5%, 50 V, 0402, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0402C1611GAC KEMET-C0402C1611GAC Datasheet
61Kb / 6P
Surface Mount Ceramic Chip Capacitors ??Ultra-High Capacitance, C0G Dielectric
More results

Similar Description - C0402C162J3GACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C221J3GACTU KEMET-C0402C221J3GACTU Datasheet
71Kb / 1P
SMD Comm C0G, Ceramic, 220 pF, 5%, 25 V, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 0402
C0402C331J3GACTU KEMET-C0402C331J3GACTU Datasheet
71Kb / 1P
SMD Comm C0G, Ceramic, 330 pF, 5%, 25 V, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 0402
C0402C681J3GACTU KEMET-C0402C681J3GACTU Datasheet
60Kb / 1P
SMD Comm C0G, Ceramic, 680 pF, 5%, 25 V, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 0402
C0402C102J4GACTU KEMET-C0402C102J4GACTU Datasheet
59Kb / 1P
SMD Comm C0G, Ceramic, 1000 pF, 5%, 16 VDC, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 0402
C0402C120J8GACTU KEMET-C0402C120J8GACTU Datasheet
60Kb / 1P
SMD Comm C0G, Ceramic, 12 pF, 5%, 10 VDC, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 0402
C0402C240J3GACTU KEMET-C0402C240J3GACTU Datasheet
60Kb / 1P
SMD Comm C0G, Ceramic, 24 pF, 5%, 25 VDC, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 0402
C0402C470J4GACTU KEMET-C0402C470J4GACTU Datasheet
59Kb / 1P
SMD Comm C0G, Ceramic, 47 pF, 5%, 16 VDC, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 0402
C0402C180J4GACTU KEMET-C0402C180J4GACTU Datasheet
60Kb / 1P
SMD Comm C0G, Ceramic, 18 pF, 5%, 16 VDC, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 0402
C0402C102K3GACTU KEMET-C0402C102K3GACTU Datasheet
61Kb / 1P
SMD Comm C0G, Ceramic, 1000 pF, 10%, 25 VDC, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 0402
C0402C470K3GACTU KEMET-C0402C470K3GACTU Datasheet
61Kb / 1P
SMD Comm C0G, Ceramic, 47 pF, 10%, 25 VDC, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 0402
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com