Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEST1 Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # TEST1
Description  Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TEST1 Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button TEST1 Datasheet HTML 26Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 27Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 28Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 29Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 30Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 31Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 32Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 33Page - List of Unclassifed Manufacturers TEST1 Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 49 page
background image
PCAL6408A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 18 September 2013
30 of 49
NXP Semiconductors
PCAL6408A
Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander
(1) VDD(P) = 1.8 V; Isink =10mA
(2) VDD(P) = 5 V; Isink =10 mA
(3) VDD(P) = 1.8 V; Isink =1mA
(4) VDD(P) = 5 V; Isink =1 mA
Isource = 10 mA
Fig 29. LOW-level output voltage versus temperature
Fig 30. I/O high voltage versus temperature
60
80
20
100
120
VOL
(mV)
0
Tamb (°C)
−40
85
60
10
35
−15
002aah056
(1)
(3)
(4)
(2)
40
Tamb (°C)
−40
85
60
10
35
−15
002aah057
160
120
200
0
VDD(P) − VOH (mV)
VDD(P) = 1.8 V
5 V
80
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com