Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUV48A Datasheet(PDF) 3 Page - STMicroelectronics

Part # BUV48A
Description  High voltage fast switching NPN power transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUV48A Datasheet(HTML) 3 Page - STMicroelectronics

  BUV48A Datasheet HTML 1Page - STMicroelectronics BUV48A Datasheet HTML 2Page - STMicroelectronics BUV48A Datasheet HTML 3Page - STMicroelectronics BUV48A Datasheet HTML 4Page - STMicroelectronics BUV48A Datasheet HTML 5Page - STMicroelectronics BUV48A Datasheet HTML 6Page - STMicroelectronics BUV48A Datasheet HTML 7Page - STMicroelectronics BUV48A Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BUV48A
Electrical characteristics
3/8
2
Electrical characteristics
(Tcase = 25°C; unless otherwise specified)
Table 4.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICES
Collector cut-off current
(VBE = 0)
VCE = 1000 V
VCE = 1000 V
Tc = 125°C
200
2
µA
mA
ICER
Collector cut-off current
(RBE = 10Ω)
VCE = 1000 V
VCE = 1000 V
Tc = 125°C
500
4
µA
mA
IEBO
Emitter cut-off current
(IC = 0)
VEB = 5V
1mA
VCEO(sus)
(1)
1.
Pulsed duration = 300 ms, duty cycle
≤2%.
Collector-emitter
sustaining voltage
(IB = 0)
IC = 200mA
450
V
VEBO
Emitter-base voltage
(IC = 0)
IE = 50mA
730
V
VCE(sat)
(1)
Collector-emitter
saturation voltage
IC = 8A
IB = 1.6A
IC = 12A
IB = 2.4A
1.5
5
V
V
VBE(sat)
(1)
Base-emitter saturation
voltage
IC = 8A
IB = 1.6A
1.6
V
ton
ts
tf
Resistive load
Turn-on time
Storage time
Fall time
VCC = 150V
IC = 8A
IB1 = -IB2 = 1.6A
1
3
0.8
µs
µs
µs
ts
tf
Inductive load
Storage time
Fall time
VCC = 300 V
IC = 8A
VBE = -5V
IB1 = 1.6A
LB = 3µH
3
0.13
µs
µs
ts
tf
Inductive load
Storage time
Fall time
VCC = 300 V
IC = 8A
VBE = -5V
IB1 = 1.6A
LB = 3µH
TC = 125
oC
5
0.4
µs
µs



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com