Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS193 Datasheet(PDF) 4 Page - SYC Electronica

Part # 74LS193
Description  Synchronous 4-Bit Binary Counter with Dual Clock
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

74LS193 Datasheet(HTML) 4 Page - SYC Electronica

  74LS193 Datasheet HTML 1Page - SYC Electronica 74LS193 Datasheet HTML 2Page - SYC Electronica 74LS193 Datasheet HTML 3Page - SYC Electronica 74LS193 Datasheet HTML 4Page - SYC Electronica 74LS193 Datasheet HTML 5Page - SYC Electronica 74LS193 Datasheet HTML 6Page - SYC Electronica 74LS193 Datasheet HTML 7Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Absolute Maximum Ratings(Note 1)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Note 2: CL = 15 pF, RL = 2 kΩ, IA = 25°C and VCC = 5V.
Note 3: CL = 50 pF, RL = 2 kΩ, IA = 25°C and VCC = 5V.
Note 4: TA = 25°C and VCC = 5V.
DC Electrical Characteristics
Note 5: All typicals are at VCC = 5V, TA = 25°C.
Note 6: Not more than one output should be shorted at a time, and the duration should not exceed one second.
Note 7: ICC is measured with all outputs open, CLEAR and LOAD inputs grounded, and all other inputs at 4.5V.
Operating Free Air Temperature Range
−0°C to +70°C
Supply Voltage
7V
Input Voltage
7V
Storage Temperature Range
−65°C to +125°C
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.75
5
5.25
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
IOH
HIGH Level Output Current
−0.4
mA
IOL
LOW Level Output Current
8
mA
fCLK
Clock Frequency (Note 2)
0
25
MHz
Clock Frequency (Note 3)
tW
Pulse Width of any Input (Note 4)
20
ns
tSU
Data Setup Time (Note 4)
20
ns
tH
Data Hold Time (Note 4)
0
ns
tEN
Enable Time to Clock (Note 4)
40
ns
TA
Free Air Operating Temperature
0
70
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 5)
VI
Input Clamp Voltage
VCC = Min, II = −18 mA
−1.5
V
VOH
HIGH Level Output
VCC = Min, IOH = Max
2.5
3.4
V
Voltage
VIL = Max, VIH = Min
2.7
3.4
VOL
LOW Level Output
VCC = Min, IOL = Max
0.25
0.4
Voltage
VIL = Max, VIH = Min
0.35
0.5
V
IOL = 4mA, VCC = Min
0.25
0.4
II
Input Current @ Max Input Voltage
VCC = Max, VI = 7V
0.1
mA
IIH
HIGH Level Input Current
VCC = Max, VI = 2.7V
20
µA
IIL
LOW Level Input Current
VCC = Max, VI = 0.4V
−0.4
mA
IOS
Short Circuit
VCC = Max
−20
−100
mA
Output Current
(Note 6)
−20
−100
ICC
Supply Current
VCC = Max (Note 7)
19
34
mA
www.sycelectronica.com.ar



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com