Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS221 Datasheet(PDF) 4 Page - SYC Electronica

Part # 74LS221
Description  74LS221 Dual Non-Retriggerable One-Shot with Clear and Complementary Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

74LS221 Datasheet(HTML) 4 Page - SYC Electronica

  74LS221 Datasheet HTML 1Page - SYC Electronica 74LS221 Datasheet HTML 2Page - SYC Electronica 74LS221 Datasheet HTML 3Page - SYC Electronica 74LS221 Datasheet HTML 4Page - SYC Electronica 74LS221 Datasheet HTML 5Page - SYC Electronica 74LS221 Datasheet HTML 6Page - SYC Electronica 74LS221 Datasheet HTML 7Page - SYC Electronica 74LS221 Datasheet HTML 8Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Absolute Maximum Ratings(Note 3)
Note 3: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Note 4: TA = 25°C and VCC = 5V.
Supply Voltage
7V
Input Voltage
7V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.75
5
5.25
V
VT+
Positive-Going Input Threshold Voltage
12
V
at the A Input (VCC = Min)
VT−
Negative-Going Input Threshold Voltage
0.8
1
V
at the A Input (VCC = Min)
VT+
Positive-Going Input Threshold Voltage
12
V
at the B Input (VCC = Min)
VT−
Negative-Going Input Threshold Voltage
0.8
0.9
V
at the B Input (VCC = Min)
IOH
HIGH Level Output Current
−0.4
mA
IOL
LOW Level Output Current
8
mA
tW
Pulse Width
Data
40
ns
(Note 4)
Clear
40
tREL
Clear Release Time (Note 4)
15
ns
Rate of Rise or Fall of
1
Schmitt Input (B) (Note 4)
Rate of Rise or Fall of
1
Logic Input (A) (Note 4)
REXT
External Timing Resistor (Note 4)
1.4
100
k
Ω
CEXT
External Timing Capacitance (Note 4)
0
1000
µF
DC
Duty Cycle
RT = 2 kΩ
50
%
(Note 4)
RT = REXT (Max)
60
TA
Free Air Operating Temperature
0
70
°C
www.sycelectronica.com.ar



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com