Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58PR256J Datasheet(PDF) 108 Page - STMicroelectronics

Part # M58PR256J
Description  256 Mbit or 512 Mbit (x16, Multiple Bank, Multilevel, Burst) 1.8 V supply Flash memories
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR256J Datasheet(HTML) 108 Page - STMicroelectronics

Back Button M58PR256J Datasheet HTML 104Page - STMicroelectronics M58PR256J Datasheet HTML 105Page - STMicroelectronics M58PR256J Datasheet HTML 106Page - STMicroelectronics M58PR256J Datasheet HTML 107Page - STMicroelectronics M58PR256J Datasheet HTML 108Page - STMicroelectronics M58PR256J Datasheet HTML 109Page - STMicroelectronics M58PR256J Datasheet HTML 110Page - STMicroelectronics M58PR256J Datasheet HTML 111Page - STMicroelectronics M58PR256J Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 114 page
background image
Command interface state tables
M58PR256J, M58PR512J
108/114
Table 51.
Command interface states - Modify table, next state 2
Current Chip State
command input to chip and resulting chip next state
Clear SR Read ID
Lock, CR,
ECR
Setup
Lock EFA
Setup
Blank
Check
Setup
OTP
Setup
Block
Lock
Confirm
Lock-
down
Confirm
Write
CR/ECR
Confirm
Illegal
Cmd or
BEFP
Data
WSM
Operation
Complete
50h
90h 98h
60h
64h
BCh
C0h
01h
2Fh
03h 04h
others
ready
ready
lock/CR/E
CR setup
lock EFA
block
setup
blank
check
setup
OTP
setup
ready
ready
N/A
Lock/CR/ECR Setup
ready (sequence error)
ready
(lock)
ready
(lock
down)
ready (set
CR)
ready
(sequence
error)
Lock EFA Block Setup
ready
(EFA lock)
ready
(sequence
error)
OTP
setup
OTP busy
busy
OTP busy
IS in OTP busy
OTP busy
IS ready
IS in OTP
busy
OTP busy
WP or
EFA
Block
WP
setup
WP busy
WP busy
N/A
busy
WP busy
IS in program busy
IS
WP busy
ready
IS in
program
busy
WP busy
IS ready
suspend
WP
suspend
(error bits
cleared)
WP
suspend
IS in PS
WP suspend
N/A
IS in PS
WP suspend
BP
setup
BP load 1 (give word count load (N-1))
N/A
BP load 1
if N=0 go to BP confirm else go to BP load 2 (data load)
BP load 2
BP confirm when count =0 else BP load 2
BP confirm
when
count = 0
else BP
load 2
BP confirm
ready (sequence error)
BP busy
BP busy
IS in BP busy
IS
BP busy
ready
IS in BP busy
BP busy
IS ready
BP suspend
BP
suspend
(error bits
cleared)
BP
suspend
IS in BP suspend
BP suspend
N/A
IS in BP
suspend
BP suspend
Erase or
EFA
Block
Erase
setup
ready (sequence error)
N/A
busy
erase busy
IS in erase busy
IS
erase busy
ready
IS in erase
busy
erase busy
IS non-
ready
suspend
ES (error
bits
cleared)
ES
Lock/CR/E
CR setup
in ES
lock EFA
block
setup in
ES
IS
ES
N/A
IS in ES
ES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com