Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58PR256J Datasheet(PDF) 104 Page - STMicroelectronics

Part # M58PR256J
Description  256 Mbit or 512 Mbit (x16, Multiple Bank, Multilevel, Burst) 1.8 V supply Flash memories
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR256J Datasheet(HTML) 104 Page - STMicroelectronics

Back Button M58PR256J Datasheet HTML 100Page - STMicroelectronics M58PR256J Datasheet HTML 101Page - STMicroelectronics M58PR256J Datasheet HTML 102Page - STMicroelectronics M58PR256J Datasheet HTML 103Page - STMicroelectronics M58PR256J Datasheet HTML 104Page - STMicroelectronics M58PR256J Datasheet HTML 105Page - STMicroelectronics M58PR256J Datasheet HTML 106Page - STMicroelectronics M58PR256J Datasheet HTML 107Page - STMicroelectronics M58PR256J Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 114 page
background image
Flowcharts and pseudo codes
M58PR256J, M58PR512J
104/114
Figure 27.
Protection Register Program flowchart and pseudo code
1.
Status check of SR1 (Protected Block), SR3 (VPP Invalid) and SR4 (Program Error) can be made after each program
operation or after a sequence.
2.
If an error is found, the Status Register must be cleared before further Program/Erase Controller operations.
Write C0h (1)
AI06177c
Start
Write Address
& Data
Read Status
Register (1)
YES
NO
SR7 = 1
YES
NO
SR3 = 0
NO
SR4 = 0
VPP Invalid
Error (2, 3)
Program
Error (2, 3)
protection_register_program_command (addressToProgram, dataToProgram) {:
writeToFlash (addressToProgram, 0xC0) ;
/*see note (1) */
do {
status_register=readFlash (addressToProgram) ;
/* see note (1) */
/* E or G must be toggled*/
} while (status_register.SR7== 0) ;
if (status_register.SR3==1) /*VPP invalid error */
error_handler ( ) ;
YES
End
YES
NO
SR1 = 0
Program to Protected
Block Error (2, 3)
writeToFlash (addressToProgram, dataToProgram) ;
/*Memory enters read status state after
the Program Command*/
if (status_register.SR4==1) /*program error */
error_handler ( ) ;
if (status_register.SR1==1) /*program to protect block error */
error_handler ( ) ;
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com