Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58PR256J Datasheet(PDF) 102 Page - STMicroelectronics

Part # M58PR256J
Description  256 Mbit or 512 Mbit (x16, Multiple Bank, Multilevel, Burst) 1.8 V supply Flash memories
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR256J Datasheet(HTML) 102 Page - STMicroelectronics

Back Button M58PR256J Datasheet HTML 98Page - STMicroelectronics M58PR256J Datasheet HTML 99Page - STMicroelectronics M58PR256J Datasheet HTML 100Page - STMicroelectronics M58PR256J Datasheet HTML 101Page - STMicroelectronics M58PR256J Datasheet HTML 102Page - STMicroelectronics M58PR256J Datasheet HTML 103Page - STMicroelectronics M58PR256J Datasheet HTML 104Page - STMicroelectronics M58PR256J Datasheet HTML 105Page - STMicroelectronics M58PR256J Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 114 page
background image
Flowcharts and pseudo codes
M58PR256J, M58PR512J
102/114
Figure 25.
Main Array and EFA locking operations flowchart and pseudo code
1.
Any address within the bank can equally be used.
Write
01h, D0h or 2Fh
AI10518
Read Block
Lock States
YES
NO
Locking
change
confirmed?
Start
Write 60h (Main Array)
or 64h (EFA) (1)
locking_operation_command (address, lock_operation) {
/* EFA_locking_operation_command (address, lock_operation) { */
writeToFlash (address, 0x60) ; /*configuration setup*/
/* writeToFlash (address, 0x64) */
/* 60h is the command for Locking Operations on the array while 64h
is the command for Locking Operations on the EFA */
/* see note (1) */
if (readFlash (address) ! = locking_state_expected)
error_handler () ;
/*Check the locking state (see Read Block Signature table )*/
writeToFlash (address, 0xFF) ; /*Reset to Read Array mode*/
/*see note (1) */
}
Write FFh (1)
Write 90h (1)
End
if (lock_operation==LOCK) /*to protect the block*/
writeToFlash (address, 0x01) ;
else if (lock_operation==UNLOCK) /*to unprotect the block*/
writeToFlash (address, 0xD0) ;
else if (lock_operation==LOCK-DOWN) /*to lock the block*/
writeToFlash (address, 0x2F) ;
writeToFlash (address, 0x90) ;
/*see note (1) */



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com