Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58PR256J Datasheet(PDF) 103 Page - STMicroelectronics

Part # M58PR256J
Description  256 Mbit or 512 Mbit (x16, Multiple Bank, Multilevel, Burst) 1.8 V supply Flash memories
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR256J Datasheet(HTML) 103 Page - STMicroelectronics

Back Button M58PR256J Datasheet HTML 99Page - STMicroelectronics M58PR256J Datasheet HTML 100Page - STMicroelectronics M58PR256J Datasheet HTML 101Page - STMicroelectronics M58PR256J Datasheet HTML 102Page - STMicroelectronics M58PR256J Datasheet HTML 103Page - STMicroelectronics M58PR256J Datasheet HTML 104Page - STMicroelectronics M58PR256J Datasheet HTML 105Page - STMicroelectronics M58PR256J Datasheet HTML 106Page - STMicroelectronics M58PR256J Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 114 page
background image
M58PR256J, M58PR512J
Flowcharts and pseudo codes
103/114
Figure 26.
Blank Check flowchart and pseudo code
1.
Any address within the bank can equally be used.
2.
If an error is found, the Status Register must be cleared before further Program/Erase operations.
Write Block
Address & BCh
Start
SR7 = 1
Write Block
Address & D0h
Read
Status Register (1)
SR1 = 0
SR3 = 0
SR4 = 1
SR5 = 1
SR5 = 0
NO
YES
VPP Invalid
Error (2)
NO
Command Sequence
Error (2)
YES
Erase Error (2)
NO
Protected Block
Error (2)
NO
End
blank_check_command (blockToCheck) {
writeToFlash (blockToCheck, 0xBC);
writeToFlash (blockToCheck, 0xD0);
/* Memory enters read status state after
the Blank Check Command */
do {
status_register = readFlash (blockToCheck);
/* see note (1) */
/* E or G must be toggled */
} while (status_register.SR7==0);
if (status_register.SR3==1)
/* VPP invalid error */
error_handler () ;
if (status_register.SR4==1) && (status_register.SR5==1)
/* command sequence error */
error_handler () ;
if (status_register.SR5==1)
/* erase error */
error_handler () ;
if (status_register.SR1==1)
/* protected block error */
error_handler () ;
}
ai10520



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com