Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58PR256J Datasheet(PDF) 113 Page - STMicroelectronics

Part # M58PR256J
Description  256 Mbit or 512 Mbit (x16, Multiple Bank, Multilevel, Burst) 1.8 V supply Flash memories
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR256J Datasheet(HTML) 113 Page - STMicroelectronics

Back Button M58PR256J Datasheet HTML 106Page - STMicroelectronics M58PR256J Datasheet HTML 107Page - STMicroelectronics M58PR256J Datasheet HTML 108Page - STMicroelectronics M58PR256J Datasheet HTML 109Page - STMicroelectronics M58PR256J Datasheet HTML 110Page - STMicroelectronics M58PR256J Datasheet HTML 111Page - STMicroelectronics M58PR256J Datasheet HTML 112Page - STMicroelectronics M58PR256J Datasheet HTML 113Page - STMicroelectronics M58PR256J Datasheet HTML 114Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 113 / 114 page
background image
M58PR256J, M58PR512J
Revision history
113/114
Revision history
Table 54.
Document Revision History
Date
Version
Revision Details
24-Nov-2005
1
Initial release.
31-Mar-2006
2
Typical Word program time using Buffer Enhanced Factory Program
command corrected on page 1. Max Erase Suspend Latency modified
in Table 22: Program/Erase times and endurance cycles.
VPP range modified in Table 23: Absolute maximum ratings (VPP not
12V tolerant). Small text changes.
Start address specified in step 3 of Section 4.8: Buffer Program
command. Text modified in Definition column for SR0 = 1 with SR7 = 0
in Table 13: Status Register bits.
Note 2 modified below Table 19. Test conditions modified for IDD3, IDD4,
IDD7 and IDD8 in Table 26: DC characteristics - currents. tAVAV, tAVQV,
tELQV and tLLQV changed in Table 28: Asynchronous Read ac
characteristics. tKHKL, tKLKH and tr for 108MHz changed in Table 29:
Synchronous Read ac characteristics. tELTV removed from Table 29:
Synchronous Read ac characteristics and Figure 12: Synchronous
Burst Read ac waveforms. tELKV changed to tELKH in Figure 15,
Figure 16, Table 30 and Table 31. tAVAV, tELQV and tWHQV modified in
Table 30 and Table 31. tPLWL, tPLEL, tPLGL, tPLLL modified in Table 32.
Memory organization added to part number in Table 34: Ordering
information scheme.
Table 50: Command interface states - Modify table, next state 1 and
Table 51: Command interface states - Modify table, next state 2
modified. BCR replaced by ECR and RCR by CR in Appendix D:
Command interface state tables.
21-Dec-2006
3
Note 5 referred to Word Program and unit for EFA Block Program
added in Table 22: Program/Erase times and endurance cycles.
Unit changed for IPP1 parameter when VPP = VDD in Table 26: DC
characteristics - currents.
Address inputs corrected in Figure 7, Figure 10, Figure 11, Figure 12,
Figure 13, Figure 15 and Figure 16. Note 1 added below Table 1:
Signal names and below ac waveforms. Protection Register Program is
not available during Erase Suspend (see Figure 24: Erase Suspend &
Resume flowchart and pseudo code). Small text changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com