Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-SERIAL Datasheet(PDF) 1 Page - AG Electronica

Part # USB-SERIAL
Description  ADAPTADOR USB-SERIAL COMPATIBLE CON WINDOWS 10
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica

USB-SERIAL Datasheet(HTML) 1 Page - AG Electronica

  USB-SERIAL Datasheet HTML 1Page - AG Electronica USB-SERIAL Datasheet HTML 2Page - AG Electronica  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http://www.agelectronica.com
http://www.agelectronica.com
||
|||||
USB-SERIAL: ADAPTADOR USB-SERIAL COMPATIBLE CON WINDOWS 10
Descripción
Cable adaptador USB-serial. Este cable permite conectar un dispositivo RS-232 de 9 terminales a
otro dispositivo con interfaz USB.
Soporta velocidades de transferencia hasta de 230400 Mbps. Compatible con Windows 10.
Especificaciones
Conectores: USB A macho / DB9 macho
USB: 2.0
No requiere alimentación externa
Compatible con Windows, Mac, Linux,ME,98SE,XP7-10
Velocidad de transferencia:230400 Mbps
Incluye disco con controladores
Probado con Rabbit: 4000
Máxima velocidad en Debug: 115200bps
Máxima velocidad de descarga 230400bps
Señales: RX, TX, RTS, CTS


Similar Part No. - USB-SERIAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
USB-SMBUS-CABLEZ AD-USB-SMBUS-CABLEZ Datasheet
122Kb / 4P
USB-SMBUS-CABLEZ, USB-5PSMBUS-CABLEZ
REV. 0
logo
Mini-Circuits
USB-SP4T-63 MINI-USB-SP4T-63 Datasheet
472Kb / 8P
USB RF SP4T Switch
logo
List of Unclassifed Man...
USB-SSR ETC-USB-SSR Datasheet
1Mb / 10P
USB DIO High Voltage and Relay
June 2021. Rev 4
USB-SSR08 ETC-USB-SSR08 Datasheet
1Mb / 10P
USB DIO High Voltage and Relay
June 2021. Rev 4
USB-SSR24 ETC-USB-SSR24 Datasheet
1Mb / 10P
USB DIO High Voltage and Relay
June 2021. Rev 4
More results

Similar Description - USB-SERIAL

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
CP2501 SILABS-CP2501 Datasheet
39Kb / 2P
Adds Windows-compatible USB HID touchscreen interface to touch-screen modules
logo
Maxim Integrated Produc...
DS28E50EVKIT MAXIM-DS28E50EVKIT Datasheet
3Mb / 15P
Software Runs on Windows 10 and Windows 7
Rev 2; 2/19
MAX1231B MAXIM-MAX1231B Datasheet
5Mb / 40P
Windows XP-, Windows Vista-, and Windows 7-Compatible Software
Rev 1; 4/12
MAX9268EVKIT MAXIM-MAX9268EVKIT Datasheet
2Mb / 26P
Windows XP-, Windows Vista-, and Windows 7-Compatible Software
Rev 0; 5/10
MAX9249EVKIT MAXIM-MAX9249EVKIT Datasheet
5Mb / 38P
Windows XP-, Windows Vista-, and Windows 7-Compatible Software
Rev 0; 3/10
MAX14578EVKIT MAXIM-MAX14578EVKIT Datasheet
2Mb / 17P
Windows XP-, Windows Vista-, and Windows 7-Compatible Software
Rev 0; 4/11
MAX11665EVKIT MAXIM-MAX11665EVKIT Datasheet
3Mb / 39P
Windows XP, Windows Vista, and Windows 7-Compatible Software
Rev 0; 6/11
MAX6956EVKIT MAXIM-MAX6956EVKIT Datasheet
830Kb / 16P
Windows 2000/XP-, Windows Vista (32-Bit)- and Windows 10** Compatible Software
2021
logo
Coolgear Inc.
CG-1PRTCANB COOLGEAR-CG-1PRTCANB Datasheet
468Kb / 3P
Single Port USB to CAN Bus 3FT Adapter Support Windows 10
7/15/21
USBG-232 COOLGEAR-USBG-232 Datasheet
98Kb / 1P
USB RS-232 Single Port Serial Adapter works with all Windows and Mac
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com