Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N2222A Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2N2222A
Description  Silicon NPN Power Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2N2222A Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2N2222A Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2N2222A Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2N2222A Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Silicon NPN Power Transistor
2N2222A
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
BVCBO
Collector-Base Breakdown Voltage
IC= 10uA; IB= 0
75
-
-
V
BVCEO
Collector-Emitter Breakdown Voltage
IC= 10mA; IB= 0
50
-
-
V
BVEBO
Emitter-Base Breakdown Voltage
IE= 10uA; IC= 0
6
-
-
V
ICBO
Collector-Base Cutoff Current
VCB= 60V; IE= 0
-
-
10
nA
ICEO
Collector-Emitte Cutoff Current
VCE= 50V; IE= 0
-
-
50
nA
IEBO
Emitter-Base Cutoff Current
VEB= 4V; IC= 0
-
-
10
nA
VCE(sat)
Collector to Emitter Saturation Voltage IC=500mA,IB=50mA
-
-
1
V
VBE(sat)
Base to Emitter Saturation Voltage
IC=500mA,IB=50mA
-
-
2
V
hFE1
DC Current Gain
IC= 0.1mA ; VCE= 10V
50
-
-
-
hFE2
DC Current Gain
IC= 10mA ; VCE= 10V
100
-
-
-
hFE3
DC Current Gain
IC= 150mA ; VCE= 10V
100
-
300
-
hFE4
DC Current Gain
IC= 500mA ; VCE= 10V
40
-
-
-



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com