Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S80JSEN1 Datasheet(PDF) 4 Page - Ashcroft, Inc.

Part # S80JSEN1
Description  S80 Thermocouple Temperature Probes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

S80JSEN1 Datasheet(HTML) 4 Page - Ashcroft, Inc.

  S80JSEN1 Datasheet HTML 1Page - Ashcroft, Inc. S80JSEN1 Datasheet HTML 2Page - Ashcroft, Inc. S80JSEN1 Datasheet HTML 3Page - Ashcroft, Inc. S80JSEN1 Datasheet HTML 4Page - Ashcroft, Inc. S80JSEN1 Datasheet HTML 5Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Thermocouple Temperature probes with mineral insulation, available with optional connectors.
Data Sheet
ORDERING CODE
Example: (Continued ) B
X
X
-
M
M
C3
3
-
3P
T
LC=900
L=400
Remote Head Type
- - Non-applicable (no remote head)
G - SCCI Stainless steel
N - SCCA Aluminum
B - DIN B AluminumIN B Aluminum
B
D - BUZ Aluminum
E - BUZH Aluminum
P - PR 7501 (N/A with FM approval)
Y - Cast iron (N/A with FM approval)
A - Polypropylene (N/A with FM approval)
H - E&H Housing (N/A with FM approval)
Length Probe
X - L=(min=50, max=10000) (add actual length in mm L=?? at the end of ordering code)
X
Length Cable
X - Lc=(min=100, max=10000) (add actual length in mm LC=?? at the end of ordering code)
X
Flex Armor
- - Without
-
1 - With flex armor
2 - Flex armor with PVC jacket
Lead Wire
M - PVC
M
N - Silicon
O - PTFE
P - Fiberglass
- - Without
Lead Wire Options
M - With protective spring on lead wire
M
N - Without protective spring on lead wire
O - Electrically shielded, with protective spring
P - Electrically shielded, without protective spring
Q - With stainless steel braided cover, with protective spring
R - With stainless steel braided cover, without protective spring
- - Without
Process Connection
-- - Without connection
C1 - Compression fitting ¼ NPT, AISI 316
C2 - Adjustable compression fitting with gland TFE ¼˝ AISI 316
C3 - Compression fitting ½ NPT, AISI 316
C3
C4 - Adjustable compression fitting with gland TFE ½˝ AISI 316
B1 - Non-adjustable compression fitting ¼ NPT, brass
B2 - Adjustable compression fitting with gland TFE ¼˝ brass
B3 - Non-adjustable compression fitting ½ NPT, brass
B4 - Adjustable compression fitting with gland TFE ½˝ brass
A1 - Compression fitting G ¼˝ AISI 316
A3 - Compression fitting G ½˝ AISI 316
Y1 - Adjustable spring loaded, double thread ½ NPT, AISI 316
3
3
Certifications
- - None required
-
F - FM
A - ATEX
X - IECEx
S - SIL 2 + ATEX
I - INMETRO
D - ATEX + IECEX
2 - SIL 2
P - EAC (Gost R) + Metrological Russia
Calibration Report
- - Without
3P - 3 points single
3P
5P - 5 points single
3D - 3 points dual
5D - 5 points dual
Tagging
- - Without
T - Label in stainless steel with tag
T
S80 Thermocouple Temperature Probes
of 5
4
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, Trust the Shield® are trademarks of Ashcroft Inc. The following non-Ashcroft trademarks are the property
of their respective owners: Inconel®. For more information, see Ashcroft Brands & Trademarks
©2023 Ashcroft Inc. S80_RTD_ds_RevC_04-05-23
ashcroft.com
| 1.800.328.8258 | Contact Us
Insertion
length in
mm
Lead wire
length in
mm
mm = inches x 25.4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com