Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHFL4913 Datasheet(PDF) 4 Page - STMicroelectronics

Part # RHFL4913
Description  Rad-Hard Adjustable positive voltage regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL4913 Datasheet(HTML) 4 Page - STMicroelectronics

  RHFL4913 Datasheet HTML 1Page - STMicroelectronics RHFL4913 Datasheet HTML 2Page - STMicroelectronics RHFL4913 Datasheet HTML 3Page - STMicroelectronics RHFL4913 Datasheet HTML 4Page - STMicroelectronics RHFL4913 Datasheet HTML 5Page - STMicroelectronics RHFL4913 Datasheet HTML 6Page - STMicroelectronics RHFL4913 Datasheet HTML 7Page - STMicroelectronics RHFL4913 Datasheet HTML 8Page - STMicroelectronics RHFL4913 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Maximum ratings
RHFL4913 ADJUSTABLE VERSION
4/16
2
Maximum ratings
Note:
Exceeding maximum ratings may damage the device.
Table 2.
Recommended maximum operating ratings (Note)
Symbol
Parameter
Value
Unit
VI
DC Input Voltage, VI - VGROUND
12
V
VO
DC Output Voltage Range
1.23 to 9
V
IO
Output Current, RHFL4913KPA
2
A
IO
Output Current, RHFL4913SCA
3
PD
TC = 25°C Power Dissipation
15
W
Tstg
Storage Temperature Range
-65 to +150
°C
Top
Operating Junction Temperature Range
-55 to +150
°C
ESD
Electrostatic Discharge Capability
Class 3
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
RthJC
Thermal Resistance Junction-Case, 16pin Flat and SMD5C
8.3
°C/W
TSOLD
Maximum soldering Temperature, 10sec.
300
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com