Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHFL4913SCA2 Datasheet(PDF) 8 Page - STMicroelectronics

Part # RHFL4913SCA2
Description  Rad-Hard Adjustable positive voltage regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL4913SCA2 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button RHFL4913SCA2 Datasheet HTML 4Page - STMicroelectronics RHFL4913SCA2 Datasheet HTML 5Page - STMicroelectronics RHFL4913SCA2 Datasheet HTML 6Page - STMicroelectronics RHFL4913SCA2 Datasheet HTML 7Page - STMicroelectronics RHFL4913SCA2 Datasheet HTML 8Page - STMicroelectronics RHFL4913SCA2 Datasheet HTML 9Page - STMicroelectronics RHFL4913SCA2 Datasheet HTML 10Page - STMicroelectronics RHFL4913SCA2 Datasheet HTML 11Page - STMicroelectronics RHFL4913SCA2 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Application information
RHFL4913 ADJUSTABLE VERSION
8/16
5
Application information
Adjusting Output Voltage: R2 resistor must be connected between VO and ADJ pins. R1 resistor must be
connected between ADJ and Ground. Resistor values can be derived from the following formula:
VO = VADJ (R1+ R2) / R1
VADJ is 1.23V, controlled by the internal temperature compensated Band Gap block.
The minimum Output voltage is therefore 1.22V and minimum Input voltage is 3V.
The RHFL4913 Adjustable is functional as soon as VI - VO voltage difference is slightly above the power
element saturation voltage. The Adjust pin to Ground resistor must not be bigger than 10k
Ω to keep the
output feed-back error below 0.2%. A minimum 0.5mA IO must be set to ensure perfect “no-load”
regulation. It is advisable to dissipate this current into the divider bridge resistor. All available VI pins shall
always be externally interconnected, same thing for all available VO pins, otherwise Device stability and
reliability cannot be granted. The INHIBIT function switches off the output current in an electronic way,
that is very quickly. According to Lenz’s Law, external circuitry reacts with LdI/dt terms which can be of
high amplitude in case somewhere an inductance exists. Large transient voltage would develop on both
Device terminals. It is advisable to protect the Device with Schottky diodes preventing negative voltage
excursions. In the worst case, a 14V Zener diode shall protect the Device Input. The Device has been
designed for high stability and low drop out operation: Minimum 1µF input and output tantalum capacitors
are therefore mandatory. Capacitor ESR range is from 0.5
Ω to over 20 Ω. Such range turns out to be
useful when ESR increases at low temperature. When large transient currents are expected, larger value
capacitors are necessary.
In case of high current operation with expected short-circuit events, caution must be considered relatively
to capacitors. They must be connected as close as possible to device terminals. As some tantalum
capacitors may permanently fail when submitted to high charge-up surge currents, it is recommended to
decouple them with 470nF polyester capacitors.
Being RHFL4913 Adjust manufactured with very high speed bipolar technology (6GHz fT transistors), the
PCB layout must be performed with exceptional care, very low inductance, low mutually coupling lines,
otherwise high frequency parasitic signals may be picked-up by the Device resulting into system
self-
oscillation. The benefit is an SVR performance extended to far higher frequencies.
5.1
Notes about 16pin hermetic package
The bottom section of 16pin packages is metallized in order to allow User to directly solder the
RHFL4913A on the equipment heat sink for enhanced heat removal.
5.2
Remote sensing operation
See
Figure 2. A separate Kelvin Voltage sensing line provides ADJ pin with exact Load "high potential"
information. But variable remote Load current consumption induces variable Iq current (Iq is roughly the
IO current divided by the hFE of the internal PNP series power element) routed through parasitic series
line resistor symbolized as RW2. To compensate this parasitic voltage, the Resistor RW1 introduced on
purpose provides the necessary compensating voltage signal to ADJust pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com